Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQL9043 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQL9043
Description  1500 to 2700 MHz Bypass LNA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQL9043 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQL9043_15 Datasheet HTML 1Page - TriQuint Semiconductor TQL9043_15 Datasheet HTML 2Page - TriQuint Semiconductor TQL9043_15 Datasheet HTML 3Page - TriQuint Semiconductor TQL9043_15 Datasheet HTML 4Page - TriQuint Semiconductor TQL9043_15 Datasheet HTML 5Page - TriQuint Semiconductor TQL9043_15 Datasheet HTML 6Page - TriQuint Semiconductor TQL9043_15 Datasheet HTML 7Page - TriQuint Semiconductor TQL9043_15 Datasheet HTML 8Page - TriQuint Semiconductor TQL9043_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TQL9043
1500 – 2700 MHz Bypass LNA
Datasheet: Rev. F 09-25-14
- 5 of 10 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Performance Plots
Test conditions unless otherwise noted: VDD = +5 V, ID = 80 mA
5
10
15
20
25
30
1500
1700
1900
2100
2300
2500
2700
Gain vs. Frequency (LNA Mode)
+85°C
+25°C
−40°C
-15
-10
-5
0
1500
1700
1900
2100
2300
2500
2700
Input Return Loss vs. Frequency (LNA Mode)
+85°C
+25°C
−40°C
-20
-15
-10
-5
0
1500
1700
1900
2100
2300
2500
2700
Output Return Loss vs. Frequency (LNA Mode)
+85°C
+25°C
−40°C
-5
-4
-3
-2
-1
0
1500
1700
1900
2100
2300
2500
2700
Gain vs. Frequency (Bypass Mode)
+85°C
+25°C
−40°C
-15
-10
-5
0
1500
1700
1900
2100
2300
2500
2700
Input Return Loss vs. Frequency (Bypass Mode)
+85°C
+25°C
−40°C
-15
-10
-5
0
1500
1700
1900
2100
2300
2500
2700
Output Return Loss vs. Frequency (Bypass Mode)
+85°C
+25°C
−40°C
30
32
34
36
38
40
1700
1800
1900
2000
2100
2200
OIP3 vs. Frequency (LNA Mode)
1MHz Tone Spacing
Pout/tone = +5 dBm
+85°C
+25°C
−40°C
30
33
36
39
42
45
1700
1800
1900
2000
2100
2200
IIP3 vs. Frequency (Bypass Mode)
1MHz Tone Spacing
Pin/tone = +6.5 dBm
+85°C
+25°C
−40°C
15
17
19
21
23
25
1700
1800
1900
2000
2100
2200
Frequency (MHz)
P1dB vs. Frequency
+85°C
+25°C
−40°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1700
1800
1900
2000
2100
2200
Noise Figure vs. Frequency
+85°C
+25°C
−40°C
-20
-15
-10
-5
0
1500
1700
1900
2100
2300
2500
2700
Isolation vs. Frequency
LNA OFF, Bypass OFF
Temp.=+25°C


Similar Part No. - TQL9043_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9042 TRIQUINT-TQL9042 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
TQL9044 TRIQUINT-TQL9044 Datasheet
554Kb / 8P
   1500 to 4000 MHz Bypass LNA
TQL9044 TRIQUINT-TQL9044_15 Datasheet
554Kb / 8P
   1500 to 4000 MHz Bypass LNA
TQL9047 TRIQUINT-TQL9047 Datasheet
599Kb / 13P
   High Linearity Gain Block
More results

Similar Description - TQL9043_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9044 TRIQUINT-TQL9044_15 Datasheet
554Kb / 8P
   1500 to 4000 MHz Bypass LNA
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
TQP3M9040 TRIQUINT-TQP3M9040_15 Datasheet
588Kb / 10P
   1500-2300 MHz Dual LNA
logo
Qorvo, Inc
TQP3M9040 QORVO-TQP3M9040_V01 Datasheet
707Kb / 12P
   1500 – 2300 MHz Dual LNA
September 23, 2021
TQP3M9040 QORVO-TQP3M9040 Datasheet
707Kb / 12P
   1500 ??2300 MHz Dual LNA
logo
TriQuint Semiconductor
TQP3M9039 TRIQUINT-TQP3M9039_15 Datasheet
568Kb / 10P
   50-1500 MHz Dual LNA
logo
Qorvo, Inc
TQL9066 QORVO-TQL9066 Datasheet
788Kb / 10P
   50 ??1500 MHz Dual LNA
logo
Infineon Technologies A...
BGA777N7 INFINEON-BGA777N7 Datasheet
1Mb / 35P
   Single-Band UMTS LNA (2300 - 2700 MHz)
Revision 3.1, 2013-01-31
BGA777L7 INFINEON-BGA777L7 Datasheet
729Kb / 24P
   Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009
logo
Analog Devices
ADL5606 AD-ADL5606 Datasheet
535Kb / 20P
   1800 MHz to 2700 MHz
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com