Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQL9048 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQL9048
Description  High Linearity Gain Block with Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQL9048 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TQL9048 Datasheet HTML 3Page - TriQuint Semiconductor TQL9048 Datasheet HTML 4Page - TriQuint Semiconductor TQL9048 Datasheet HTML 5Page - TriQuint Semiconductor TQL9048 Datasheet HTML 6Page - TriQuint Semiconductor TQL9048 Datasheet HTML 7Page - TriQuint Semiconductor TQL9048 Datasheet HTML 8Page - TriQuint Semiconductor TQL9048 Datasheet HTML 9Page - TriQuint Semiconductor TQL9048 Datasheet HTML 10Page - TriQuint Semiconductor TQL9048 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TQL9048
High Linearity Gain Block with Shutdown
Data Sheet: Rev I 01-04-15
- 7 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Performance Plots − TQL9048-PCB_IF
Test conditions unless otherwise noted:
VDD = +5V, IDD = 130 mA (typ.), Temp= +25°C, C1 and C2 = 1000 pF, L1 = 330 nH
13
14
15
16
17
18
19
0
100
200
300
400
500
Frequency (MHz)
Gain vs. Frequency
+85°C
+25°C
−40°C
-40
-30
-20
-10
0
0
100
200
300
400
500
Frequency (MHz)
Input Return Loss vs. Frequency
+85°C
+25°C
−40°C
-40
-30
-20
-10
0
0
100
200
300
400
500
Frequency (MHz)
Output Return Loss vs. Frequency
+85°C
+25°C
−40°C
25
30
35
40
45
0
100
200
300
400
500
Frequency (MHz)
OIP3 vs. Frequency
+85°C
+25°C
−40°C
3dBm/tone
5
10
15
20
25
0
100
200
300
400
500
Frequency (MHz)
P1dB vs. Frequency
+85°C
+25°C
−40°C
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
100
200
300
400
500
Frequency (MHz)
NF vs Frequency
+85°C
+25°C
−40°C
50
55
60
65
70
50
100
150
200
Frequency (MHz)
OIP2 vs. Frequency
Temp.=+25°C
Pout = +5 dBm/tone
Typical Performance − TQL9048-PCB_IF
Test conditions unless otherwise noted:
VDD = +5V, IDD = 130 mA (typ.), Temp= +25°C, C1 and C2 = 1000 pF, L1 = 330 nH
Parameter
Conditions
Typical Values
Units
Frequency
50
100
150
500
MHz
Gain
17.5
16.9
16.7
16.3
dB
Input Return Loss
-8
-13
-12
-20
dB
Output Return Loss
-18
-17
-17
-17
dB
Output P1dB
+20.8
+21.2
+21.3
+21.5
dBm
OIP3
Pout = +
6 dBm/tone, ∆f=1 MHz
+41.4
+40.9
+41.8
+40.4
dBm
Noise figure (1)
2.1
1.5
1.5
1.6
dB
Notes:
1.
Noise figure data shown in the table above is de-embedded from the eval board loss.


Similar Part No. - TQL9048

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9048 TRIQUINT-TQL9048 Datasheet
710Kb / 10P
   High Linearity Gain Block with Shutdown
TQL9048-PCB TRIQUINT-TQL9048-PCB Datasheet
710Kb / 10P
   High Linearity Gain Block with Shutdown
More results

Similar Description - TQL9048

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9048 TRIQUINT-TQL9048 Datasheet
710Kb / 10P
   High Linearity Gain Block with Shutdown
logo
Broadcom Corporation.
MGA-30789 BOARDCOM-MGA-30789 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
TQL9047 QORVO-TQL9047 Datasheet
954Kb / 15P
   High Linearity Gain Block
logo
TriQuint Semiconductor
TQL9047 TRIQUINT-TQL9047_15 Datasheet
599Kb / 13P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9126 QORVO-QPA9126 Datasheet
1Mb / 12P
   High Linearity Gain Block
June 26, 2019
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789_15 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9127 QORVO-QPA9127 Datasheet
1Mb / 11P
   High Linearity Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30889 AVAGO-MGA-30889 Datasheet
710Kb / 15P
   Flat Gain High Linearity Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com