Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQM4M9073 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQM4M9073
Description  Through Line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM4M9073 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQM4M9073 Datasheet HTML 1Page - TriQuint Semiconductor TQM4M9073 Datasheet HTML 2Page - TriQuint Semiconductor TQM4M9073 Datasheet HTML 3Page - TriQuint Semiconductor TQM4M9073 Datasheet HTML 4Page - TriQuint Semiconductor TQM4M9073 Datasheet HTML 5Page - TriQuint Semiconductor TQM4M9073 Datasheet HTML 6Page - TriQuint Semiconductor TQM4M9073 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TQM4M9073
Through Line
Applications
General Purpose Wireless
RF bypass paths
Microwave Radio
Test & Measurement
Scientific Instruments
16-pin 3x3mm leadless SMT package
Product Features
Functional Block Diagram
DC – 6 GHz
50 ohm port impedance
Low insertion loss, <0.1dB at 2.14GHz
1.2:1 VSWR at 2.14 GHz
Surface Mountable
Datasheet: Rev D 12-14-10
- 1 of 7 -
Disclaimer: Subject to change without notice
© 2010 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Pin Configuration
Pin #
Symbol
2, 11
RF I/O
1, 3, 4, 5, 6, 7, 8, 9,
10, 12, 13, 14, 15, 16
No Connect
Backside Paddle
No Connect
Ordering Information
Part No.
Description
TQM4M9073
Through Line
General Description
The TQM4M9073 is a passive low-loss through line that
operates from 0 to 6.0 GHz. At 2.14 GHz, input and
output return loss is greater than 22 dB and typical
insertion loss is 0.1 dB. The product is housed in an
industry standard Pb-free / RoHS-compliant surface-
mount leadless package.
Typical Performance
Standard T/R size = 2500 pcs. on a 7” reel
Parameter
Units
Typical Value
Frequency
MHz
960
2140
2500
3000
Insertion Loss
dB
<0.1
0.1
0.13
0.17
Input/ Output Return Loss
dB
32
25
23
20


Similar Part No. - TQM4M9073

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TQM200A TOPSTEK-TQM200A Datasheet
94Kb / 2P
   Topstek Current Transducer
logo
TriQuint Semiconductor
TQM2M9016 TRIQUINT-TQM2M9016 Datasheet
862Kb / 7P
   GPS/ SDARS Diplexer
logo
Qorvo, Inc
TQM2M9016 QORVO-TQM2M9016 Datasheet
801Kb / 7P
   GPS/ SDARS Diplexer
TQM2M9016-EVB QORVO-TQM2M9016-EVB Datasheet
801Kb / 7P
   GPS/ SDARS Diplexer
logo
TriQuint Semiconductor
TQM2M9016 TRIQUINT-TQM2M9016_15 Datasheet
862Kb / 7P
   GPS/ SDARS Diplexer
More results

Similar Description - TQM4M9073

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQQ7399 QORVO-TQQ7399 Datasheet
812Kb / 5P
   DC ??2700 MHz Through Line
logo
Allied Components Inter...
AEP026DI ALLIED-AEP026DI Datasheet
353Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP081DI ALLIED-AEP081DI Datasheet
445Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
logo
API Technologies Corp
52F226-011-10 APITECH-52F226-011-10 Datasheet
784Kb / 8P
   DC Single Line Feed-through Series
logo
Dongguan Xinkang Electr...
TDA149 TNK-TDA149 Datasheet
148Kb / 1P
   VDSL Line Transformer Through Hole Magnetics
logo
Allied Components Inter...
AEP016DI ALLIED-AEP016DI Datasheet
351Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP109DI ALLIED-AEP109DI Datasheet
481Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP132DI ALLIED-AEP132DI Datasheet
385Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
logo
Dongguan Xinkang Electr...
TDA082 TNK-TDA082 Datasheet
117Kb / 1P
   ADSL Line Transformer Through Hole Magnetics
logo
Allied Components Inter...
AEP034DI ALLIED-AEP034DI Datasheet
403Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com