Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQM8M9074 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQM8M9074
Description  0.05 ??4 GHz Digital Variable Gain Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM8M9074 Datasheet(HTML) 7 Page - TriQuint Semiconductor

  TQM8M9074 Datasheet HTML 1Page - TriQuint Semiconductor TQM8M9074 Datasheet HTML 2Page - TriQuint Semiconductor TQM8M9074 Datasheet HTML 3Page - TriQuint Semiconductor TQM8M9074 Datasheet HTML 4Page - TriQuint Semiconductor TQM8M9074 Datasheet HTML 5Page - TriQuint Semiconductor TQM8M9074 Datasheet HTML 6Page - TriQuint Semiconductor TQM8M9074 Datasheet HTML 7Page - TriQuint Semiconductor TQM8M9074 Datasheet HTML 8Page - TriQuint Semiconductor TQM8M9074 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TQM8M9074
0.05 – 4 GHz Digital Variable Gain Amplifier
Pin Configuration and Description
Top View
Amp1 In
Amp2 In
NC
NC
NC
NC
Amp1_Out
Vcc Amp1
Amp2_Out
Vcc Amp2
VVA In
VVA Out
Vctl
VVA
Vcc
VVA
NC
NC
NC
5
4
3
2
1
11
12
13
14
15
NC
NC
16
17
18
19
20
10
9
8
7
6
NC
NC
NC
Pin No.
Symbol
Description
1
Amp1_In
RF input (Amp1). Band-specific matching circuit required.
2, 4, 6, 7, 9, 10, 12,
14, 16, 17, 18, 19
NC (No Connect)
No electrical connection. Land pads should be provided for PCB
mounting integrity.
3
Amp1_Out/Vcc
A1
RF output / DC supply (Amp1).
5
VVA_In
RF input (VVA).
8
Vctrl_VVA
Analog input for voltage controlled amplifier.
11
VVA_Out
RF output (VVA).
13
Amp2_In
RF input (Amp2). Band-specific matching circuit required.
15
Amp2_Out/Vcc
A2
RF output / DC supply (Amp2). Band-specific matching circuit required.
20
Vcc_VVA
DC supply for voltage controlled amplifier.
Backside Paddle
RF/DC Ground
RF/DC ground. Provide recommended via pattern (see page 8) and
ensure good solder attach for best thermal and electrical performance.
Evaluation Board PCB Information
TriQuint PCB 1078786 Material and Stack-up
1 oz. Cu bottom layer
Nelco N-4000-13
Core
Nelco N-4000-13
1 oz. Cu top layer
1 oz. Cu inner layer
1 oz. Cu inner layer
0.062" ± 0.006"
Finished Board
Thickness
0.014"
0.014"
Datasheet Rev. D 08-04-14
- 7 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQM8M9074

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074 Datasheet
940Kb / 9P
   W High Linearity Variable Gain Amplifier
More results

Similar Description - TQM8M9074

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQM8M9077 QORVO-TQM8M9077 Datasheet
451Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077 Datasheet
1Mb / 9P
   0.05-4 GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM8M9075 QORVO-TQM8M9075 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9076 TRIQUINT-TQM8M9076 Datasheet
904Kb / 10P
   0.05-4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077_15 Datasheet
451Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
TQM8M9076 TRIQUINT-TQM8M9076_15 Datasheet
335Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQC9305 QORVO-TQC9305 Datasheet
706Kb / 9P
   0.7 ??3.6 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com