Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50-00082 Datasheet(PDF) 1 Page - Tensility International Corp.

Part # 50-00082
Description  Connector, 3.5 mm 4C audio plug, brass, nickel plated, white insulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

50-00082 Datasheet(HTML) 1 Page - Tensility International Corp.

  50-00082 Datasheet HTML 1Page - Tensility International Corp. 50-00082 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
rev:
page:
July 23, 2010
A
50-00082
Connector, 3.5 mm 4C audio plug, brass,
nickel plated, white insulators
Materials:
1
brass, nickel-plated, 2μm min.
2
brass, nickel-plated, 2μm min.
3
brass, nickel-plated, 2μm min.
4
brass, nickel-plated, 2μm min.
5
POM, white
Notes:
RoHS compliant
Mechanical drawing:
1 of 2
Initial
Date
tolerance X: ±0.5 mm
.X: ±0.3 mm
.XX: ±0.05 mm
applicable unless otherwise indicated in specification or on drawings
Units: mm


Similar Part No. - 50-00082

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00080 TENSILITY-50-00080 Datasheet
345Kb / 2P
   Connector, dc plug, 3.0x1.1xL20.0 mm, molding style, spring contacts
50-00081 TENSILITY-50-00081 Datasheet
359Kb / 2P
   Connector, 2.5 mm 4C audio plug, brass nickel plated, white insulators
50-00083 TENSILITY-50-00083 Datasheet
332Kb / 2P
   Connector, mono plug, 2.5 mm, brass, nickel plated, white insulators
50-00084 TENSILITY-50-00084 Datasheet
340Kb / 2P
   Connector, stereo plug, 2.5 mm, brass, nickel plated, white insulators
50-00085 TENSILITY-50-00085 Datasheet
335Kb / 2P
   Connector, mono plug, 3.5 mm, brass, nickel plated, white insulators
More results

Similar Description - 50-00082

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00081 TENSILITY-50-00081 Datasheet
359Kb / 2P
   Connector, 2.5 mm 4C audio plug, brass nickel plated, white insulators
50-00085 TENSILITY-50-00085 Datasheet
335Kb / 2P
   Connector, mono plug, 3.5 mm, brass, nickel plated, white insulators
50-00086 TENSILITY-50-00086 Datasheet
343Kb / 2P
   Connector, stereo plug, 3.5 mm, brass, nickel plated, white insulators
50-00199 TENSILITY-50-00199 Datasheet
280Kb / 2P
   Connector, 2.5 x L19.8 mm 4C audio plug, brass nickel plated, black insulators
50-00084 TENSILITY-50-00084 Datasheet
340Kb / 2P
   Connector, stereo plug, 2.5 mm, brass, nickel plated, white insulators
50-00083 TENSILITY-50-00083 Datasheet
332Kb / 2P
   Connector, mono plug, 2.5 mm, brass, nickel plated, white insulators
50-00008 TENSILITY-50-00008 Datasheet
384Kb / 2P
   Connector, 3.5xL26.6 mm, 4C audio plug, brass, nickel plated
50-00094 TENSILITY-50-00094 Datasheet
344Kb / 2P
   Connector, 3.5 mm 4C audio plug, brass, Au plated
50-00006 TENSILITY-50-00006 Datasheet
324Kb / 2P
   Connector, 2.5xL21.6 mm, audio plug 4C with metal ring, brass nickel plated
50-00150 TENSILITY-50-00150 Datasheet
355Kb / 2P
   Connector, 3.5xL23 mm, 4C audio plug, brass, nickel plated, for right angle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com