Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5817 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 1N5817
Description  ELECTRICAL CHARACTERISTIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

1N5817 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  1N5817 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N5817 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
0
20
40
60
80
100
120
140
0
0.25
0.5
0.75
1
110
100
0
5
10
15
20
25
30
0.1
1
10
100
10
100
400
0.01
0.1
1
10
100
0.1
1
10
100
0.2
0.01
0.1
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
50
10
40
80
0.001
0.01
1
100
60
0
20
0
100
10
TJ=125°C
FIG. 1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=75°C
TJ=25°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
RESISTIVE OR
INDUCTIVE LOAD
0.375" (9.5mm)
LEAD LENGTH
TJ=125°C
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION, sec.
1N5817-5819
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 1N5817

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5817 MOTOROLA-1N5817 Datasheet
96Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
Shenzhen Yixinwei Techn...
1N5817 YIXIN-1N5817 Datasheet
253Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SynSemi, Inc.
1N5817 SYNSEMI-1N5817 Datasheet
27Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
1N5817 SEMIKRON-1N5817 Datasheet
127Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
1N5817 DIOTEC-1N5817 Datasheet
91Kb / 2P
   Schottky Barrier Rectifier Diodes
More results

Similar Description - 1N5817

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS42.24 SIPAT-LBS42.24 Datasheet
57Kb / 1P
   Filter Electrical Characteristic
LBN08008 SIPAT-LBN08008 Datasheet
140Kb / 1P
   SAWFilter Electrical Characteristic
LBN14014 SIPAT-LBN14014 Datasheet
34Kb / 1P
   SAW Filter Electrical Characteristic
LBN7009 SIPAT-LBN7009 Datasheet
85Kb / 1P
   SAW Filter Electrical Characteristic
LBN08012 SIPAT-LBN08012 Datasheet
127Kb / 1P
   SAW Filter Electrical Characteristic
LBN14015 SIPAT-LBN14015 Datasheet
56Kb / 1P
   SAW Filter Electrical Characteristic
LBN14035 SIPAT-LBN14035 Datasheet
124Kb / 1P
   SAW Filter Electrical Characteristic
LBN10001 SIPAT-LBN10001 Datasheet
141Kb / 1P
   SAW Filter Electrical Characteristic
LBN13003 SIPAT-LBN13003 Datasheet
94Kb / 1P
   SAW Filter Electrical Characteristic
LBN14012 SIPAT-LBN14012 Datasheet
51Kb / 1P
   SAW Filter Electrical Characteristic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com