Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASR2M Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # ASR2M
Description  Surface Mount Standard Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

ASR2M Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  ASR2M Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD ASR2M Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Characteristic Curves (TA=25 ℃ unless otherwise noted)
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - ASR2M

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
ASR21P13P CIT-ASR21P13P Datasheet
655Kb / 8P
   CIT SWITCH
ASR21P23P CIT-ASR21P23P Datasheet
655Kb / 8P
   CIT SWITCH
ASR21P43P CIT-ASR21P43P Datasheet
655Kb / 8P
   CIT SWITCH
ASR21P47P CIT-ASR21P47P Datasheet
655Kb / 8P
   CIT SWITCH
ASR21P48P CIT-ASR21P48P Datasheet
655Kb / 8P
   CIT SWITCH
More results

Similar Description - ASR2M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSF1A FORMOSA-DSF1A Datasheet
159Kb / 2P
   Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
MASR1A JUXING-MASR1A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
MASR0.5A JUXING-MASR0.5A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
S2A JUXING-S2A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
S1A_DO-214AC JUXING-S1A_DO-214AC Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
S1A_DO-214AA JUXING-S1A_DO-214AA Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
DSR0.7A JUXING-DSR0.7A Datasheet
2Mb / 3P
   Surface Mount Standard Rectifiers
logo
Microdiode Electronics ...
S05M CHENDA-S05M Datasheet
420Kb / 2P
   Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
S2A-214AC JUXING-S2A-214AC Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
logo
Microdiode Electronics ...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
   Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2A-SMB YFWDIODE-S2A-SMB Datasheet
103Kb / 2P
   Surface Mount Standard Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com