Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50-00126 Datasheet(PDF) 1 Page - Tensility International Corp.

Part # 50-00126
Description  Connector, dc plug, 5.5x2.1xL22.5 mm, brass nickel plated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

50-00126 Datasheet(HTML) 1 Page - Tensility International Corp.

  50-00126 Datasheet HTML 1Page - Tensility International Corp. 50-00126 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
rev:
page:
June 19, 2012
A1
50-00126
Connector, dc plug, 5.5x2.1xL22.5 mm,
brass nickel plated
Materials:
1
brass, nickel-plated
2
ABS, black
3
brass, nickel-plated
Notes:
RoHS compliant
Mechanical drawing:
1 of 2
Initial
Date
tolerance X: ±0.5 mm
.X: ±0.3 mm
.XX: ±0.05 mm
applicable unless otherwise indicated in specification or on drawings
Units: mm


Similar Part No. - 50-00126

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00124 TENSILITY-50-00124 Datasheet
363Kb / 3P
   Connector, 4C audio jack, 2.5x7.4xL22.6 mm, brass, nickel plated, molding style
50-00125 TENSILITY-50-00125 Datasheet
257Kb / 2P
   Connector, stereo jack, 3.5xL20 mm, molding style
50-00127 TENSILITY-50-00127 Datasheet
330Kb / 2P
   Connector, dc jack, 5.5x2.1xL17.5 mm, molding style
50-00128 TENSILITY-50-00128 Datasheet
319Kb / 2P
   Connector, dc plug, 5.5x2.5xL18.5 mm, brass nickel plated
More results

Similar Description - 50-00126

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00112 TENSILITY-50-00112 Datasheet
326Kb / 2P
   Connector, dc plug, 3.5x1.35xL18.5 mm, brass nickel plated
50-00128 TENSILITY-50-00128 Datasheet
319Kb / 2P
   Connector, dc plug, 5.5x2.5xL18.5 mm, brass nickel plated
50-00108 TENSILITY-50-00108 Datasheet
328Kb / 2P
   Connector, dc plug, 2.35x0.7xL22 mm, brass nickel plated, spring contacts
50-00142 TENSILITY-50-00142 Datasheet
340Kb / 2P
   Connector, dc plug, 4.75x1.7xL20 mm, brass nickel plated, yellow insulator
50-00106 TENSILITY-50-00106 Datasheet
326Kb / 2P
   Connector, dc plug, 2.35x0.7xL18.5 mm, brass nickel plated, spring contacts
50-00118 TENSILITY-50-00118 Datasheet
330Kb / 2P
   Connector, stereo plug, 3.5xL24.5 mm, brass nickel plated
50-00132 TENSILITY-50-00132 Datasheet
334Kb / 2P
   Connector, mono plug 2.5xL22 mm, brass nickel plated
50-00134 TENSILITY-50-00134 Datasheet
336Kb / 2P
   Connector, mono plug 3.5xL20.5 mm, brass nickel plated
50-00136 TENSILITY-50-00136 Datasheet
332Kb / 2P
   Connector, dc plug, 4.0 1.7L19.5 mm, spring contacts, brass nickel plated
50-00008 TENSILITY-50-00008 Datasheet
384Kb / 2P
   Connector, 3.5xL26.6 mm, 4C audio plug, brass, nickel plated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com