Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2649 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2649
Description  The electrical and thermal performances of switching converters are strongly
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2649 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2649 Datasheet HTML 1Page - STMicroelectronics AN2649 Datasheet HTML 2Page - STMicroelectronics AN2649 Datasheet HTML 3Page - STMicroelectronics AN2649 Datasheet HTML 4Page - STMicroelectronics AN2649 Datasheet HTML 5Page - STMicroelectronics AN2649 Datasheet HTML 6Page - STMicroelectronics AN2649 Datasheet HTML 7Page - STMicroelectronics AN2649 Datasheet HTML 8Page - STMicroelectronics AN2649 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Design consideration
AN2649
4/20
1
Design consideration
The following PFC design example is referred to as an experimental board, used for
demonstration purposes as described in AN628 (please refer to 2 in Bibliography on
page 18). The design target specifications are:
UNIVERSAL AC input supply voltage Vinrms = 88 V to 264 V
DC output regulated voltage VO = 400 V
Rated output power PO = 200 W
Full-load output ripple
∆Vout-ripple = ± 8 V
Maximum overvoltage value
∆Vout = 50 V
Switching frequency fSW = 100 kHz
Maximum Inductor current ripple
∆IL = 35% of ILrms
Worst-condition efficiency (at minimum input voltage)
η= 90%
The guidelines for controller design (L4981A) and power component selection can be found
in AN628 (please refer to 2 in Bibliography on page 18). In the next section instead we will
discuss the choice of the power MOSFET and boost diode.


Similar Part No. - AN2649

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2640 STMICROELECTRONICS-AN2640 Datasheet
1Mb / 36P
   Intelligent multipower digital ballast for fluorescent lamps
logo
List of Unclassifed Man...
AN2640K ETC-AN2640K Datasheet
301Kb / 4P
   VHD VIDEO DISC PLAYER CHROMA AND LUMINANCE PROCESSING CIRCUIT
logo
STMicroelectronics
AN2641 STMICROELECTRONICS-AN2641 Datasheet
424Kb / 37P
   Using the color LCD controller
AN2644 STMICROELECTRONICS-AN2644 Datasheet
1Mb / 64P
   An introduction to LLC resonant
AN2645 STMICROELECTRONICS-AN2645 Datasheet
529Kb / 36P
   Migration and compatibility guidelines for STM8S microcontroller applications
More results

Similar Description - AN2649

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2331 STMICROELECTRONICS-AN2331 Datasheet
831Kb / 24P
   This note describes the performances
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
logo
Panasonic Semiconductor
HHR120AA PANASONIC-HHR120AA Datasheet
24Kb / 1P
   Battery performance and cycle life are strongly affected by how they are used.
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Amkor Technology
MQFPPOWERQUAD2 AMKOR-MQFPPOWERQUAD2 Datasheet
99Kb / 2P
   Exceptional thermal and electrical performance by design include the following
logo
Fairchild Semiconductor
FGL40N150D FAIRCHILD-FGL40N150D Datasheet
440Kb / 7P
   Electrical Characteristics of the IGBT
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com