Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2680 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2680
Description  Fan speed controller based on STDS75 or STLM75 digital
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2680 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2680 Datasheet HTML 1Page - STMicroelectronics AN2680 Datasheet HTML 2Page - STMicroelectronics AN2680 Datasheet HTML 3Page - STMicroelectronics AN2680 Datasheet HTML 4Page - STMicroelectronics AN2680 Datasheet HTML 5Page - STMicroelectronics AN2680 Datasheet HTML 6Page - STMicroelectronics AN2680 Datasheet HTML 7Page - STMicroelectronics AN2680 Datasheet HTML 8Page - STMicroelectronics AN2680 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN2680
BLDC fan
5/15
2
BLDC fan
The basic DC brushless fan is a 2-wire device over which a DC voltage is applied. Brushless
DC fans are called "brushless" because the electric motor is commutated electronically.
The basic brushless DC motor consists of two main parts:
a)
the rotor
b)
the stator
a)
Rotor: As the name implies, the rotor is the part that rotates. The rotor houses the
permanent magnets, and in the case of the fan, the fan blades are also attached to
the rotor. The number of poles in the permanent magnet varies according to the
characteristics of the motor.
b)
Stator: The stator is the stationary part of the motor. It consists of the motor coil
number which varies according to the characteristics of the motor. The stator for
the 2-phase motor consists of four coils.
2.1
Principle used for fan speed control using PWM
The speed of the DC fan can be modified by varying the DC voltage across the two
terminals of the fan motor. However if we take a DC fan and switch on the DC supply across
it, the fan motor takes some time to speed up.This is because the fan motor has an inductive
coil so it does not respond immediately to the applied voltage. If we switch the power off
before the motor reaches full speed, the motor starts to slow down. If we switch the power
on and off quickly enough the fan motor and hence the fan run at some speed between the
zero and full speed. This is what is achieved through the PWM signal. The fan speed can be
modified with the variation in the duty cycle of the PWM signal.
2.2
Method of fan speed control using a power MOSFET
To control the speed of the DC fan using the PWM signal, we need to use a switch which
can be switched on and off at PWM frequency and hence control the supply voltage across
the motor of the DC fan. This switch can be made by using a high switching speed power
MOSFET. The action of switch is to connect and disconnect the power across the fan at
PWM frequency.
2.2.1
PWM control using transistor at low side drive
In low side drive connection, the fan positive terminal is kept at constant DC voltage (5 V for
5 V fan) while the negative terminal of the fan is connected to the drain of power MOSFET.
The source of the power MOSFET is connected to ground. The PWM signal is applied to the
gate terminal of the power MOSFET, thus the power MOSFET switches between on and off
condition at the rate of the PWM signal. When the power MOSFET is ON, the current builds
up in the coil of the fan motor and the fan starts to attain speed, whereas when the power
MOSFET is off, the fan starts losing speed. Figure 2 illustrates the low side drive transistor.


Similar Part No. - AN2680

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2682 STMICROELECTRONICS-AN2682 Datasheet
164Kb / 15P
   This application note describes how to interface
AN2683 STMICROELECTRONICS-AN2683 Datasheet
598Kb / 38P
   Compact dual output point of load converter
AN2684 STMICROELECTRONICS-AN2684 Datasheet
769Kb / 21P
   The STEVAL-IFP006V1 demonstration board has been developed
AN2686 STMICROELECTRONICS-AN2686 Datasheet
525Kb / 11P
   Using the STVM100 to fully auto adjust LCD flicker
AN2687 STMICROELECTRONICS-AN2687 Datasheet
400Kb / 22P
   STM8S20xxx LCD software driver
More results

Similar Description - AN2680

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFS003V1 STMICROELECTRONICS-STEVAL-IFS003V1 Datasheet
111Kb / 4P
   Temperature sensor board based on STLM75/STDS75 and ST72F651AR6
logo
Global Mixed-mode Techn...
G762 GMT-G762 Datasheet
309Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G761 GMT-G761 Datasheet
47Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G764 GMT-G764 Datasheet
32Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
logo
Murata Power Solutions ...
SP1590 MURATA-PS-SP1590 Datasheet
79Kb / 1P
   Fan Speed Controller
logo
Advanced Thermal Soluti...
FSC-200 ATS-FSC-200 Datasheet
584Kb / 1P
   FAN SPEED CONTROLLER
R2_0215
logo
SMSC Corporation
EMC2301 SMSC-EMC2301 Datasheet
653Kb / 42P
   RPM-Based PWM Fan Controller
EMC2301 SMSC-EMC2301_11 Datasheet
662Kb / 43P
   RPM-Based PWM Fan Controller
logo
List of Unclassifed Man...
G760A ETC-G760A Datasheet
173Kb / 5P
   Fan Speed PWM Controller
logo
Anachip Corp
AP438 ANACHIP-AP438 Datasheet
153Kb / 8P
   PWM Fan Speed Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com