Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD400N08MSV Datasheet(PDF) 6 Page - International Rectifier

Part # SD400N08MSV
Description  STANDARD RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD400N08MSV Datasheet(HTML) 6 Page - International Rectifier

  SD400N08MSV Datasheet HTML 1Page - International Rectifier SD400N08MSV Datasheet HTML 2Page - International Rectifier SD400N08MSV Datasheet HTML 3Page - International Rectifier SD400N08MSV Datasheet HTML 4Page - International Rectifier SD400N08MSV Datasheet HTML 5Page - International Rectifier SD400N08MSV Datasheet HTML 6Page - International Rectifier SD400N08MSV Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SD400N/R Series
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
110
120
130
140
150
160
170
180
190
0
50 100 150 200 250 300 350 400 450
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduction Angle
SD400N/ RSeries
R
(DC) = 0.11 K/ W
thJC
100
110
120
130
140
150
160
170
180
190
0
100
200
300
400
500
600
700
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
SD400N/ RSeries
R
(DC) = 0.11 K/W
thJC
10
30
50
70
90 110 130 150 170 190
Maximum Allowable Ambient Temperature (°C)
0.2
K/W
0.3
K/W
0.4
K/ W
0.6
K/ W
1 K/ W
1.8 K/W
0
50
100
150
200
250
300
350
400
450
500
550
0
50
100 150 200 250 300 350 400
180°
120°
90°
60°
30°
RMSLimit
Conduction Angle
Average Forward Current (A)
SD400N/ RSeries
T = 190°C
J
10
30
50
70
90 110 130 150 170 190
Maximum Allowable Ambient Temperature (°C)
0.2
K/ W
0.3
K/ W
0.4
K/W
0.6 K/
W
1 K/W
0.1
K/
W
1.8 K/W
0
100
200
300
400
500
600
700
800
0
100
200
300
400
500
600
700
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
SD400N/ RSeries
T = 190°C
J
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - SD400N08MSV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD400N/R16 VISHAY-SD400N/R16 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD400N/R20 VISHAY-SD400N/R20 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD400N/R24 VISHAY-SD400N/R24 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD400NR VISHAY-SD400NR Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
More results

Similar Description - SD400N08MSV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com