Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2690 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2690 Datasheet HTML 1Page - STMicroelectronics AN2690 Datasheet HTML 2Page - STMicroelectronics AN2690 Datasheet HTML 3Page - STMicroelectronics AN2690 Datasheet HTML 4Page - STMicroelectronics AN2690 Datasheet HTML 5Page - STMicroelectronics AN2690 Datasheet HTML 6Page - STMicroelectronics AN2690 Datasheet HTML 7Page - STMicroelectronics AN2690 Datasheet HTML 8Page - STMicroelectronics AN2690 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
AN2690
List of figures
3/31
List of figures
Figure 1.
L6566A and L6563-75W adapter demonstration board (EVL6566A-75WADP) . . . . . . . . . . 1
Figure 2.
Electrical schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
EVL6566A-75WADP overall efficiency measurements vs. load . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
EVL6566A-75WADP compliance to EN61000-3-2 standard at 230 Vac - 50 Hz, full load 10
Figure 5.
EVL6566A-75WADP compliance to JEIDA-MITI standard at100 Vac - 50 Hz, full load . . 10
Figure 6.
EVL6566-75WADP flyback stage waveforms at 115 V - 60 Hz - full load . . . . . . . . . . . . . 11
Figure 7.
EVL6566-75WADP flyback stage waveforms at 230 V - 50 Hz - full load . . . . . . . . . . . . . 11
Figure 8.
EVL6566-75WADP no-load operation waveforms at 90 V-60 Hz . . . . . . . . . . . . . . . . . . . 12
Figure 9.
EVL6566-75WADP no-load operation waveforms at 265 V-50 Hz . . . . . . . . . . . . . . . . . . 12
Figure 10.
EVL6566-75WADP transition full load to no load at 265 Vac-50 Hz . . . . . . . . . . . . . . . . . . 12
Figure 11.
EVL6566-75WADP transition no load to full load at 265 Vac-50 Hz . . . . . . . . . . . . . . . . . . 12
Figure 12.
Frequency foldback circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 13.
EVL6566A-75WADP o/p power vs. input power at light load . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 14.
EVL6566A-75WADP light-load efficiency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 15.
Short circuit at full load and 230 Vac- 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 16.
Short circuit detail at no load 230 Vac- 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 17.
EVL6566-75WADP PFC open loop at 115 Vac-60 Hz - full load . . . . . . . . . . . . . . . . . . . . 17
Figure 18.
Flyback open loop at 230 Vac-50 Hz - half load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 19.
Flyback open loop at 230 Vac-50 Hz - half load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 20.
Flyback open loop - restart option 230 Vac 50 Hz - half load . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 21.
Thermal map at 115 Vac - 60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 22.
Thermal map at 230 Vac- 50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 23.
CE peak measure at 115 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 24.
CE peak measure at 230 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 25.
PFC coil electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 26.
PFC coil mechanical aspect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 27.
Transformer electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 28.
Transformer winding diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 29.
Transformer mechanical aspect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30


Similar Part No. - AN2690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2691 STMICROELECTRONICS-AN2691 Datasheet
131Kb / 10P
   RPD is a dedicated timing pin for the return-from-power-down circuit
AN2692 STMICROELECTRONICS-AN2692 Datasheet
215Kb / 29P
   How to program/reprogram the ST10F269Zx Flash memory
AN2695 STMICROELECTRONICS-AN2695 Datasheet
97Kb / 13P
   Differences between the ST10F276Z5 and its emulator
More results

Similar Description - AN2690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3014 STMICROELECTRONICS-AN3014 Datasheet
1,010Kb / 29P
   This application note describes the characteristics and the features
AN2941 STMICROELECTRONICS-AN2941 Datasheet
1Mb / 37P
   This application note describes the characteristics and the features
AN3329 STMICROELECTRONICS-AN3329 Datasheet
1Mb / 47P
   This application note describes the characteristics and features
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
   This application note describes the features
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
   This application note describes the characteristics
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
   This application note describes the characteristics
AN3203 STMICROELECTRONICS-AN3203 Datasheet
2Mb / 49P
   This application note describes the characteristics and performance
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
   This application note describes the operations
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
   This application note describes the ProxSense
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
   This application note describes the implementation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com