Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD203N25S20PC Datasheet(PDF) 1 Page - International Rectifier

Part # SD203N25S20PC
Description  FAST RECOVERY DIODES Stud Version
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD203N25S20PC Datasheet(HTML) 1 Page - International Rectifier

  SD203N25S20PC Datasheet HTML 1Page - International Rectifier SD203N25S20PC Datasheet HTML 2Page - International Rectifier SD203N25S20PC Datasheet HTML 3Page - International Rectifier SD203N25S20PC Datasheet HTML 4Page - International Rectifier SD203N25S20PC Datasheet HTML 5Page - International Rectifier SD203N25S20PC Datasheet HTML 6Page - International Rectifier SD203N25S20PC Datasheet HTML 7Page - International Rectifier SD203N25S20PC Datasheet HTML 8Page - International Rectifier SD203N25S20PC Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
200A
FAST RECOVERY DIODES
Stud Version
SD203N/R SERIES
1
Bulletin I2064 rev. A 09/94
www.irf.com
Features
High power FAST recovery diode series
1.0 to 2.0 µs recovery time
High voltage ratings up to 2500V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Compression bonded encapsulation
Stud version JEDEC DO-205AB (DO-9)
Maximum junction temperature 125°C
TypicalApplications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
I
F(AV)
200
A
@ T
C
85
°C
I
F(RMS)
314
A
I
FSM
@ 50Hz
4990
A
@ 60Hz
5230
A
I2t@ 50Hz
125
KA2s
@ 60Hz
114
KA2s
V
RRM
range
400 to 2500
V
t
rr
range
1.0 to 2.0
µs
@ T
J
25
°C
T
J
- 40 to 125
°C
Parameters
SD203N/R
Units
Major Ratings and Characteristics
case style
DO-205AB (DO-9)


Similar Part No. - SD203N25S20PC

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD203N25S20 TEL-SD203N25S20 Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
More results

Similar Description - SD203N25S20PC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com