Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2754 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2754
Description  Buck high-brightness LED driver based on the ST1S10
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2754 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2754 Datasheet HTML 1Page - STMicroelectronics AN2754 Datasheet HTML 2Page - STMicroelectronics AN2754 Datasheet HTML 3Page - STMicroelectronics AN2754 Datasheet HTML 4Page - STMicroelectronics AN2754 Datasheet HTML 5Page - STMicroelectronics AN2754 Datasheet HTML 6Page - STMicroelectronics AN2754 Datasheet HTML 7Page - STMicroelectronics AN2754 Datasheet HTML 8Page - STMicroelectronics AN2754 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Background
AN2754
4/20
1
Background
When designing a power supply for a white high-brightness LED, the main requirements are
efficiency, size and cost of the complete solution.
A standard buck converter is the best choice for providing a constant current because only
the buck converter among the switching topologies has an average inductor current that is
equal to the average load current. For this reason, the conversion of a constant voltage into
constant current is much easier.
LEDs are current-driven devices whose brightness is proportional to their forward current.
Forward current can be controlled in two ways: voltage mode and current mode. The first
method uses the LED V-I curve to determine what voltage has to be applied to the LED in
order to generate the desired forward current. This is typically accomplished by applying a
voltage source and using a ballast resistor as shown in Figure 1. This method has two
serious drawbacks. The first is that every change in LED forward voltage creates a change
in LED current. The second problem is the power lost across the ballast resistor which
reduces the efficiency.
Figure 1.
Constant voltage control
Equation 1
LEDs are PN junction devices with a steep I - V curve. For this reason, driving an LED with
a voltage source can lead to large swings of forward current in response to even a small
change in forward voltage. In general, to meet the needs of a driver for an HBLED, the
current output must be in the
±5% to ±20% range.
The best way to drive the LEDs is to control the forward current so that it eliminates changes
in current due to variations in forward voltage, which translates into a constant LED
brightness. Figure 2 illustrates the configuration of a typical buck converter driver circuit.
The value of current-sense resistor (RSENSE) depends on the desired LED current and the
feedback voltage that the buck converter requires. Multiple LEDs should be connected in a
series configuration to keep an identical current flowing in each LED.
FB
F
MAX
_
F
L
H
FB
OUT
R
I
V
n
R
R
1
V
V
×
+
×
=
⎟⎟
⎜⎜
+
=


Similar Part No. - AN2754

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2752 STMICROELECTRONICS-AN2752 Datasheet
2Mb / 40P
   Getting started with the STM8S and STM8A
AN2753 STMICROELECTRONICS-AN2753 Datasheet
1Mb / 31P
   6 W single-output VIPer17 demonstration board
AN2755 STMICROELECTRONICS-AN2755 Datasheet
710Kb / 24P
   400 W FOT-controlled PFC pre-regulator with the L6562A
AN2758 STMICROELECTRONICS-AN2758 Datasheet
226Kb / 8P
   EVAL6226QR demonstration board using a dual full-bridge L6226Q
AN2759 STMICROELECTRONICS-AN2759 Datasheet
267Kb / 9P
   EVAL6227QR demonstration board using a dual full-bridge L6227Q
More results

Similar Description - AN2754

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL089V1 STMICROELECTRONICS-STEVAL-ILL089V1 Datasheet
902Kb / 4P
   1 A buck LED driver board based on the ALED6000 automotive-grade dimmable LED driver
Rev 1 - November 2019
STEVAL-ILL009V5 STMICROELECTRONICS-STEVAL-ILL009V5 Datasheet
105Kb / 5P
   New RGB color demonstration board based on the STP04CM05 and ST1S10
STEVAL-ILL015V1 STMICROELECTRONICS-STEVAL-ILL015V1 Datasheet
116Kb / 5P
   High brightness RGB LED array with LED error detection based on the STP24DP05 and STM32
STEVAL-ILL017V1 STMICROELECTRONICS-STEVAL-ILL017V1 Datasheet
126Kb / 4P
   Offline constant current LED driver based on the VIPer17
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
   LED resonant driver demonstration board based on the L6585DE
logo
Union Semiconductor, In...
UM1360 UNIONSEMI-UM1360_16 Datasheet
603Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
Monolithic Power System...
MP4700 MPS-MP4700 Datasheet
628Kb / 19P
   High-Brightness, BCM, Low Side Buck White LED Driver
logo
Union Semiconductor, In...
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com