Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2782 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2782 Datasheet HTML 1Page - STMicroelectronics AN2782 Datasheet HTML 2Page - STMicroelectronics AN2782 Datasheet HTML 3Page - STMicroelectronics AN2782 Datasheet HTML 4Page - STMicroelectronics AN2782 Datasheet HTML 5Page - STMicroelectronics AN2782 Datasheet HTML 6Page - STMicroelectronics AN2782 Datasheet HTML 7Page - STMicroelectronics AN2782 Datasheet HTML 8Page - STMicroelectronics AN2782 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
AN2782
Operation of an FOT-controlled PFC pre-regulator
Doc ID 14763 Rev 2
5/39
2
Operation of an FOT-controlled PFC pre-regulator
Figure 5 shows a block diagram of an FOT-controlled PFC pre-regulator. An error amplifier
(VA) compares a portion of the pre-regulator's output voltage Vout with a reference VREF
and generates an error signal VC proportional to their difference. VC, a DC voltage by
hypothesis, is fed into an input of the multiplier block and multiplied by a portion of the
rectified input voltage VMULT. At the output of the multiplier, there will be a rectified sinusoid,
VCSREF, whose amplitude is proportional to that of VMULT and to VC, which represents the
sinusoidal reference for PWM modulation. VCSREF is fed into the inverting input of a
comparator that, on the non-inverting input, receives the voltage VCS on the sense resistor
Rsense, proportional to the current flowing through the switch M (typically a MOSFET) and
the inductor L during the ON-time of M. When the two voltages are equal, the comparator
resets the PWM latch and M, supposedly already ON, is switched off.
Figure 5.
Block diagram of an FOT-controlled PFC pre-regulator
As a result, VCSREF determines the peak current through M and the inductor L. As VCSREF is
a rectified sinusoid, the inductor peak current is enveloped by a rectified sinusoid as well.
The line current Iin will be the average inductor current that is the low-frequency component
of the inductor current resulting from the low-pass filtering operated by the EMI filter.
The PWM latch output Q going high activates the timer that, after a predetermined time
TOFF has elapsed, sets the PWM latch, thus turning M on and starting another switching
cycle. If TOFF is such that the inductor current does not fall to zero, the system operates in
CCM. It is apparent that FOT control requires nearly the same architecture as TM control,
just the way the off-time of M is determined changes. It is not a difficult task to modify
externally the operation of the standard TM PFC controller so that the off-time of M is fixed.
As a controller we will refer to the L6562A [4], which is suitable for a few hundred watts
power applications because of its gate drive capability and its high noise immunity.
For a more detailed and complex description of the fixed off-time technique and in particular
the line modulated FOT, please refer to [7].


Similar Part No. - AN2782

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN278 ETC2-AN278 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
AN2783 STMICROELECTRONICS-AN2783 Datasheet
1Mb / 47P
   PM8800 demonstration kit for standard and high power PoE
AN2784 STMICROELECTRONICS-AN2784 Datasheet
290Kb / 31P
   Using the high-density STM32F10xxx FSMC peripheral to drive external memories
AN2785 STMICROELECTRONICS-AN2785 Datasheet
1Mb / 51P
   L6393 half bridge gate driver
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
   The STEVAL-IHI001V1 is a demonstration board designed to simulate
More results

Similar Description - AN2782

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3142 STMICROELECTRONICS-AN3142 Datasheet
841Kb / 44P
   Solution for designing a 400 W fixed-off-time controlled
AN3112 STMICROELECTRONICS-AN3112 Datasheet
727Kb / 36P
   Solution for designing a fixed off-time controlled PFC pre-regulator
AN2761 STMICROELECTRONICS-AN2761 Datasheet
524Kb / 36P
   Solution for designing a transition mode
logo
Shindengen Electric Mfg...
MTD1361 SHINDENGEN-MTD1361_17 Datasheet
199Kb / 4P
   Constant Current Control Function (Fixed OFF Time)
MTD1361F SHINDENGEN-MTD1361F_17 Datasheet
205Kb / 4P
   Constant Current Control Function (Fixed OFF Time)
MTD1120 SHINDENGEN-MTD1120_17 Datasheet
196Kb / 4P
   Constant Current Control Function (Fixed OFF Time)
MTD1120 SHINDENGEN-MTD1120_10 Datasheet
182Kb / 2P
   Constant Current Control Function (Fixed OFF Time
MTD1361 SHINDENGEN-MTD1361 Datasheet
179Kb / 2P
   Constant Current Control Function (Fixed OFF Time)
MTD1120F SHINDENGEN-MTD1120F_17 Datasheet
206Kb / 4P
   Constant Current Control Function (Fixed OFF Time)
MTD1120F SHINDENGEN-MTD1120F_10 Datasheet
186Kb / 2P
   Constant Current Control Function (Fixed OFF Time)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com