Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2795 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2795
Description  VNI4140K load test report
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2795 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2795 Datasheet HTML 4Page - STMicroelectronics AN2795 Datasheet HTML 5Page - STMicroelectronics AN2795 Datasheet HTML 6Page - STMicroelectronics AN2795 Datasheet HTML 7Page - STMicroelectronics AN2795 Datasheet HTML 8Page - STMicroelectronics AN2795 Datasheet HTML 9Page - STMicroelectronics AN2795 Datasheet HTML 10Page - STMicroelectronics AN2795 Datasheet HTML 11Page - STMicroelectronics AN2795 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Bulb load tests
AN2795
8/28
DocID14836 Rev 2
1.6
Bulb, 36 V, 4 channels
Figure 7. Switching waveform (bulb, 36 V, 4 channels)(1)
1.
CH1: supply current, CH2: channel voltage, CH3: channel current, CH4: supply voltage.
Table 6. Test data (bulb, 36 V, 4 channels) (VCC = 36 V; load - 4 bulbs; T = 25 °C)
Time [min]
Utot [V]
Itot [A]
Uch [V]
Ich [A]
Tcase [°C]
5
35.5
2.891
34.2
0.748
105.6
15
35.5
2.891
34.2
0.748
110.2
30
(1)
1.
Thermal shutdown activated (thermal cycling).
60
(1)


Similar Part No. - AN2795

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN279 SILABS-AN279 Datasheet
346Kb / 8P
   ESTIMATING PERIOD JITTER FROM PHASE NOISE
logo
STMicroelectronics
AN279 STMICROELECTRONICS-AN279 Datasheet
117Kb / 5P
   output to output short-circuit
AN2791 STMICROELECTRONICS-AN2791 Datasheet
659Kb / 18P
   This document describes a detailed analysis on the current regulated channels
AN2792 STMICROELECTRONICS-AN2792 Datasheet
135Kb / 12P
   STM8A easy programmer
AN2794 STMICROELECTRONICS-AN2794 Datasheet
3Mb / 39P
   This application note provides design guidelines
More results

Similar Description - AN2795

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TR636E-10018 HIROSE-TR636E-10018 Datasheet
846Kb / 40P
   COMPREHENSIVE TEST REPORT
logo
International Rectifier
RDHA710SE10A2S IRF-RDHA710SE10A2S Datasheet
1Mb / 19P
   Neutron Test Report
RDHA710SE10A2F IRF-RDHA710SE10A2F Datasheet
1Mb / 19P
   Neutron Test Report
logo
Tyco Electronics
3-1461491-5 MACOM-3-1461491-5 Datasheet
369Kb / 40P
   Qualification Test Report
logo
Kingtronics Internation...
TRIMMING-POTENTIOMETER KINGTRONICS-TRIMMING-POTENTIOMETER Datasheet
378Kb / 3P
   SGS Test Report
logo
International Rectifier
IRUH33P253B1M IRF-IRUH33P253B1M Datasheet
733Kb / 23P
   Neutron Test Report
IRUH33PA13B20K IRF-IRUH33PA13B20K Datasheet
1Mb / 21P
   Neutron Test Report
GSELDIRUH33PA13B20K IRF-GSELDIRUH33PA13B20K Datasheet
125Kb / 20P
   ELDRS Test Report
IRUH3301 IRF-IRUH3301 Datasheet
301Kb / 18P
   Neutron Test Report
GSIONLDIRUH33P253B1M IRF-GSIONLDIRUH33P253B1M Datasheet
306Kb / 10P
   Low Dose Test Report
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com