Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0442 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 6Page - STMicroelectronics UM0442 Datasheet HTML 7Page - STMicroelectronics UM0442 Datasheet HTML 8Page - STMicroelectronics UM0442 Datasheet HTML 9Page - STMicroelectronics UM0442 Datasheet HTML 10Page - STMicroelectronics UM0442 Datasheet HTML 11Page - STMicroelectronics UM0442 Datasheet HTML 12Page - STMicroelectronics UM0442 Datasheet HTML 13Page - STMicroelectronics UM0442 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Hardware configuration and functionality
UM0442
10/33
Figure 8.
Pin numbering in each connector composing the pin-out of the
STR750FV2
4.8
The motor control connector
The STR750FV2 is an MCU suited for Motor Control applications since it embeds timers
which can be used for dead time generation and edge/center aligned waveform emergency
stop. This feature makes it ideal for induction and brushless DC motor control.
The STR750-MAP is provided with a 34-pin fully featured connector (J11 in the board
layout) dedicated to these kinds of applications.
Table 3 below lists the association between each connector pin and the related functionality
and microcontroller pin correspondence.
Table 2.
Connector to MCU pins correspondence table
Connector name
STR750FV2 pin correspondence
JE1
1÷25 (26th pin used for external 5 V)
JE2
26÷50 (26th pin used for external 5 V)
JE3
51÷75 (26th pin used for external 5 V)
JE4
76÷100 (26th pin used for external 5 V)
Table 3.
Motor control connector and STR750FV2 pins correspondence
Connector pin
Name
Function
STR750FV2 pin
1
MC_EMGCY
Emergency stop
80
2
None
Ground
-
3
PWM_UH
High side PWM for U phase
109
4
None
Ground
-
5
PWM_UL
Low side PWM for U phase
209
6
None
Ground
-
7
PWM_VH
High side PWM for V phase
208
8
None
Ground
-
9
PWM_VL
Low side PWM for V phase
207
10
None
Ground
-
11
PWM_WH
High side PWM for W phase
206
12
None
Ground
-
13
PWM_WL
Low side PWM for W phase
205


Similar Part No. - UM0442

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
UM040 OHMITE-UM040 Datasheet
382Kb / 2P
   Special versions possible
logo
STMicroelectronics
UM0401 STMICROELECTRONICS-UM0401 Datasheet
525Kb / 17P
   User manual for eight bit port expander
UM0402 STMICROELECTRONICS-UM0402 Datasheet
593Kb / 35P
   Single-phase multi-tariff energy meter
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
   Constant current controller for high brightness LEDs
UM0425 STMICROELECTRONICS-UM0425 Datasheet
347Kb / 11P
   STLED316S Front panel LED controller/driver
More results

Similar Description - UM0442

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IDB008V2 STMICROELECTRONICS-STEVAL-IDB008V2 Datasheet
493Kb / 9P
   Evaluation platform based on the BlueNRG-2
Rev 3 - February 2018
logo
Maxim Integrated Produc...
MAX32625PICO MAXIM-MAX32625PICO Datasheet
565Kb / 11P
   MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
logo
u-blox AG
XPLR-IOT-1 U-BLOX-XPLR-IOT-1 Datasheet
2Mb / 42P
   Explorer application platform
13-Jul-2022
logo
Maxim Integrated Produc...
MAX32630FTHR MAXIM-MAX32630FTHR Datasheet
2Mb / 9P
   MAX32630FTHR Application Platform
Rev 0; 1116
MAX78000FTHR MAXIM-MAX78000FTHR Datasheet
1Mb / 16P
   MAX78000FTHR Application Platform
Rev 0; 11/20
logo
EDA Technology Co.,LTD
ED-IPC2000 EDATEC-ED-IPC2000 Datasheet
1Mb / 23P
   Computer for industrial application scenarios based on
June 2023
logo
International Rectifier
IRMCS3041 IRF-IRMCS3041 Datasheet
339Kb / 11P
   Sensorless Motor Drive Platform for Appliance Based on iMOTION Chipset
logo
Advantech Co., Ltd.
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
logo
International Rectifier
IRMCS1071 IRF-IRMCS1071 Datasheet
464Kb / 11P
   Sensorless Motor Drive Platform for Appliance Based on iMOTIONTM Chipset
logo
Advantech Co., Ltd.
MIC-713-OX ADVANTECH-MIC-713-OX Datasheet
659Kb / 2P
   AI Platform Based on NVIDIA® Jetson Orin™ NX
31-May-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com