Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQM8M9079 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQM8M9079
Description  500-2700 MHz Variable Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM8M9079 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQM8M9079_15 Datasheet HTML 1Page - TriQuint Semiconductor TQM8M9079_15 Datasheet HTML 2Page - TriQuint Semiconductor TQM8M9079_15 Datasheet HTML 3Page - TriQuint Semiconductor TQM8M9079_15 Datasheet HTML 4Page - TriQuint Semiconductor TQM8M9079_15 Datasheet HTML 5Page - TriQuint Semiconductor TQM8M9079_15 Datasheet HTML 6Page - TriQuint Semiconductor TQM8M9079_15 Datasheet HTML 7Page - TriQuint Semiconductor TQM8M9079_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TQM8M9079
500−2700 MHz Variable Gain Amplifier
Datasheet: Rev D 07-17-13
- 2 of 8 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to 150°C
RF Input Power, CW, 50Ω, T = 25°C
+24 dBm
Amplifier Voltage (VDEV1,2)
+4.5 V
Control Voltage (VCTRL)
+6 V
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min Typ Max Units
Control Voltage (VCTRL)
0.5
5
V
Operating Temp. Range
−40
+85
°C
TJ (for >106 hours MTTF)
170
°C
Electrical specifications are measured under test conditions as
described or noted. Electrical specifications are not guaranteed
over all recommended operating conditions.
Electrical Specifications
Test conditions unless otherwise noted: VCC=+5V, RBIAS=24Ω, Maximum gain setting, Temp.=+25°C
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
500
2700
MHz
Test Frequency
2140
MHz
Gain
35
38
dB
Gain Variation Range
Note 1
25
30
dB
Input Return Loss
11
dB
Output Return Loss
20
dB
Output IP3
Pout=0 dBm/tone, Δf=1 MHz
+25
+29
dBm
Output P1dB
+16
dBm
Noise Figure
4.0
dB
Amplifier Current
Note 2
77
95
117
mA
VVA Current (Pin 8)
Note 3
3.6
mA
Thermal Resistance, θJC
Junction to backside paddle
61
°C/W
Notes:
1. The Gain variation range is measured as the difference in gain with VCTRL = 5 V and VCTRL = 0 V.
2. Amp1 current (pin 3) and Amp2 current (pin 15) are typically 47.5 mA in each
3. VVA typical current is < 1 mA for min attenuation and 3.6 mA for max attenuation


Similar Part No. - TQM8M9079_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074 Datasheet
940Kb / 9P
   W High Linearity Variable Gain Amplifier
TQM8M9074 TRIQUINT-TQM8M9074 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results

Similar Description - TQM8M9079_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control 400 - 2700 MHz
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
   Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
logo
Hittite Microwave Corpo...
HMC926LP5E HITTITE-HMC926LP5E Datasheet
1Mb / 18P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 2700 MHz
logo
Analog Devices
AD603 AD-AD603_07 Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
logo
BeRex Corporation
BVA305 BEREX-BVA305 Datasheet
3Mb / 15P
   40-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
logo
National Semiconductor ...
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com