Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQM8M9079-PCB Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQM8M9079-PCB
Description  500-2700 MHz Variable Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM8M9079-PCB Datasheet(HTML) 8 Page - TriQuint Semiconductor

  TQM8M9079-PCB Datasheet HTML 1Page - TriQuint Semiconductor TQM8M9079-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQM8M9079-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQM8M9079-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQM8M9079-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQM8M9079-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQM8M9079-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQM8M9079-PCB Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TQM8M9079
500−2700 MHz Variable Gain Amplifier
Datasheet: Rev D 07-17-13
- 8 of 8 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: Class 1B
Value:
≥500 V to <1000 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
>1000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
Solderability
Compatible with both lead-free (260°C max. reflow
temperature) and tin/lead (245°C max. reflow
temperature) soldering processes.
Package contact plating: Electrolytic plated Au over Ni
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
MSL Rating
MSL Rating: Level 3
Test:
260°C convection reflow
Standard:
JEDEC Standard IPC/JEDEC J-STD-020
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user. All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about TriQuint:
Web: www.triquint.com
Tel:
+1.503.615.9000
Email: info-sales@triquint.com
Fax:
+1.503.615.8902
For technical questions and application information:
Email: sjcapplications.engineering@triquint.com


Similar Part No. - TQM8M9079-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074 Datasheet
940Kb / 9P
   W High Linearity Variable Gain Amplifier
TQM8M9074 TRIQUINT-TQM8M9074 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results

Similar Description - TQM8M9079-PCB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control 400 - 2700 MHz
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
   Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
logo
Hittite Microwave Corpo...
HMC926LP5E HITTITE-HMC926LP5E Datasheet
1Mb / 18P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 2700 MHz
logo
Analog Devices
AD603 AD-AD603_07 Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
logo
BeRex Corporation
BVA305 BEREX-BVA305 Datasheet
3Mb / 15P
   40-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
logo
National Semiconductor ...
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com