Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR625S Datasheet(PDF) 1 Page - Lumins Inc.

Part # STR625S
Description  Diffuser end plate holders.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

STR625S Datasheet(HTML) 1 Page - Lumins Inc.

  STR625S Datasheet HTML 1Page - Lumins Inc. STR625S Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
VOLTAGE
FINISH
OPTION
OPTION
OPTION
OPTION
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
1
1
2
3
4
5
6
7
8
9
1
STR625S/STR635S/STR640S
SPECTRUM - Fluorescent
MATERIALS
Elliptical housing is made of extruded aluminum. Uplight reflector is made of
high purity specular aluminum with a minimum of 95% reflectivity. Side diffusers
are extruded acrylic panels featuring optical micro linear prisms for a diffused
forward glow.
ELECTRICAL
BALLAST
T5/HO Electronic fluorescent with a multi volt feature, 120/277V
(347V on request). Ballasts have a 98% power factor with end of life
protection.
SOCKET
Mini Bi-Pin fluorescent T5 thermoplastic lamp holders.
FINISH
Polyester powder coating is applied through an electrostatic process and oven
cured for long term finish.
MOUNTING
Maximum weight
STR625S: 28lbs (12.7kg)
Maximum weight
STR635S: 40lbs (18.1kg)
Maximum weight
STR640S: 52lbs (23.6kg)
Spectrum is designed for wall mounting applications with up and general
diffused light. The luminaire is locked in tilted position and can be unlocked for
maintenance.
CERTIFICATION
Tested to UL1598 and CSA 22.2 #250. ETL listed dry location.
Rated IP20.
STR625S/STR635S/STR640S
1- Micro linear prismatic acrylic diffuser
panels.
2- Diffuser end plate holders.
3- End plate cover.
4- HO 120/277V multi volt electronic ballast
with EOL protection. 347V on request.
5- Extruded aluminum elliptical housing.
6- ≤ 95% reflectivity pure aluminum reflector.
7- Mini bi-pin thermoplastic T5/HO
lampholders.
8- Wall mounting channel.
9- White enamel reflector.
STR625S 26.25”(667)
STR635S 38”(967)
STR640S 50”(1267)
14”
(355.6)
4X Ø 5/16”(8) Mounting holes
1”(25.4)
10.5”
(266)
64deg
7”(178)
MOUNTING POSITION


Similar Part No. - STR625S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR6253 SANKEN-STR6253 Datasheet
85Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
logo
Lumins Inc.
STR625A LUMINIS-STR625A Datasheet
547Kb / 2P
   Diffuser end plate holders.
More results

Similar Description - STR625S

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
STR625A LUMINIS-STR625A Datasheet
547Kb / 2P
   Diffuser end plate holders.
STR620W LUMINIS-STR620W Datasheet
909Kb / 2P
   Diffuser end plate holders.
STR6404 LUMINIS-STR6404 Datasheet
612Kb / 3P
   Diffuser end plate holders.
logo
Festo Corporation.
576559 FESTO-576559 Datasheet
83Kb / 1P
   End plate
8/7/22
18880 FESTO-18880 Datasheet
65Kb / 1P
   End plate
7/31/22
533372 FESTO-533372 Datasheet
75Kb / 1P
   End plate
7/31/22
560947 FESTO-560947 Datasheet
81Kb / 1P
   End plate
8/3/22
576560 FESTO-576560 Datasheet
62Kb / 1P
   End plate
8/7/22
576316 FESTO-576316 Datasheet
84Kb / 1P
   End plate
576557 FESTO-576557 Datasheet
83Kb / 1P
   End plate
8/7/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com