Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQM879026-PCB2140 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TQM879026-PCB2140
Description  0.7-4 GHz W Digital Variable Gain Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM879026-PCB2140 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TQM879026-PCB2140 Datasheet HTML 6Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 7Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 8Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 9Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 10Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 11Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 12Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 13Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TQM879026
0.7-4 GHz ¼W Digital Variable Gain Amplifier
Datasheet: Rev D 11-10-14
-
10 of 17 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
TQM879026 2500 – 2700 MHz Reference Design
J5
U1
R4
L1
C1
R3
R2
R1
C6
C7
R5
C3
L3
C2
Notes:
1. See Evaluation Board PCB Information section for PCB material and stack-up.
2. Components are 0402 unless specified otherwise
3. 0 Ohm resistors may be replaced with 50 Ohm traces in the target application layout.
Bill of Material 2500 – 2700 MHz Reference Design
Reference Des.
Value
Description
Manuf.
Part Number
N/A
N/A
Printed Circuit Board
TriQuint
1095178
U1
N/A
Variable Gain Amplifier
TriQuint
TQM879026
C1, C2, C6
22 pF
CAP, 0402, 5%. 50V. NPO/COG
various
C3
10 pF
CAP, 0402, +/- 0.5PF. 50V. NPO/COG
various
C4
0.01 uF
CAP, 0402, 10%, 16V, X7R
various
C7
1 uF
CAP, 0402, 10%, 10V, X5R
various
C8
0.3 pF
CAP, 0402, +/- 0.05PF. 25V. ACCU-P
AVX
04023J0R3ABSTR
C9
1 pF
CAP, 0402, +/- 0.25PF. 50V. NPO/COG
various
L1, L2
18 nH
IND, 0402, 5%, ceramic core.
Coilcraft
0402CS-18NXJL
R1, R2, R3, R4, R5,
L3
0 Ω
RES, 0402, CHIP
various


Similar Part No. - TQM879026-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM879026-PCB2140 TRIQUINT-TQM879026-PCB2140 Datasheet
517Kb / 8P
   0.7?? GHz 쩌W Digital Variable Gain Amplifier
More results

Similar Description - TQM879026-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
   0.7-4.0 GHz W Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQC9305 QORVO-TQC9305 Datasheet
706Kb / 9P
   0.7 ??3.6 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM879026 TRIQUINT-TQM879026 Datasheet
517Kb / 8P
   0.7?? GHz 쩌W Digital Variable Gain Amplifier
TQC9305 TRIQUINT-TQC9305_15 Datasheet
880Kb / 9P
   0.7-3.6 GHz Digital Variable Gain Amplifier
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028 Datasheet
548Kb / 8P
   0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
TQC9312 TRIQUINT-TQC9312_15 Datasheet
397Kb / 9P
   3.3 ??3.8 GHz W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
   0.6-1.0 GHz W Digital Variable Gain Amplifier
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com