Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQM879028-PCB2140 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQM879028-PCB2140
Description  0.7-4.0 GHz W Digital Variable Gain Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM879028-PCB2140 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQM879028-PCB2140 Datasheet HTML 1Page - TriQuint Semiconductor TQM879028-PCB2140 Datasheet HTML 2Page - TriQuint Semiconductor TQM879028-PCB2140 Datasheet HTML 3Page - TriQuint Semiconductor TQM879028-PCB2140 Datasheet HTML 4Page - TriQuint Semiconductor TQM879028-PCB2140 Datasheet HTML 5Page - TriQuint Semiconductor TQM879028-PCB2140 Datasheet HTML 6Page - TriQuint Semiconductor TQM879028-PCB2140 Datasheet HTML 7Page - TriQuint Semiconductor TQM879028-PCB2140 Datasheet HTML 8Page - TriQuint Semiconductor TQM879028-PCB2140 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TQM879028
0.7−4.0 GHz ½ W Digital Variable Gain Amplifier
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Supply Voltage (VDD)
+4.75
+5.0
+5.25
V
Case Temperature
-40
+85
°C
Tj for >106 hours MTTF
+170
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to 150 °C
RF Input Power, CW, 50Ω, T=25 °C
+12 dBm
Supply Voltage (VDD)
+5.5 V
Digital Input Voltage
VDD + 0.5 V
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions unless otherwise noted:
VDD=+5
 V, Temp=+25 °C, matched 2140 MHz reference circuit, max. gain setting.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
700
4000
MHz
Test Frequency
2140
MHz
Gain
29
32
36
dB
Gain Control Range
0.5
 dB Step Size
31.5
dB
Accuracy Error
±(0.3+5% of Attenuation setting)
dB
Input Return Loss
20
dB
Output Return Loss
14
dB
Output P1dB
+26.4
+27.5
dBm
Output IP3
Pout
 = +11 dBm/tone, ∆f = 1 MHz
+41
+44
dBm
Noise Figure
1.5
dB
Total Supply Current
Amp1, Amp2 and DSA
175
230
255
mA
Current - Amp 1
86
mA
Current - Amp 2
142
mA
Current - DSA
2
mA
Thermal Resistance, θjc
Module (junction to case)
26
°C/W
Datasheet: Rev F 11-17-14
- 2 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQM879028-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM879028-PCB2140 TRIQUINT-TQM879028-PCB2140 Datasheet
548Kb / 8P
   0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
More results

Similar Description - TQM879028-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQC9305 QORVO-TQC9305 Datasheet
706Kb / 9P
   0.7 ??3.6 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM879026 TRIQUINT-TQM879026 Datasheet
517Kb / 8P
   0.7?? GHz 쩌W Digital Variable Gain Amplifier
TQC9305 TRIQUINT-TQC9305_15 Datasheet
880Kb / 9P
   0.7-3.6 GHz Digital Variable Gain Amplifier
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028 Datasheet
548Kb / 8P
   0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
TQC9312 TRIQUINT-TQC9312_15 Datasheet
397Kb / 9P
   3.3 ??3.8 GHz W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
   0.6-1.0 GHz W Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM879008 QORVO-TQM879008 Datasheet
745Kb / 10P
   1.4-2.7 GHz 1/2 W Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com