Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR2401 Datasheet(PDF) 3 Page - Lumins Inc.

Part # TR2401
Description  Cast aluminum removable top cover for quick maintenance.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

TR2401 Datasheet(HTML) 3 Page - Lumins Inc.

  TR2401 Datasheet HTML 1Page - Lumins Inc. TR2401 Datasheet HTML 2Page - Lumins Inc. TR2401 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
lUmINIs
Tr2401/Tr4202
TORX 22 - HID/CFL
3
opTIoNs
HK
3/4” open hook with safety latch.
4” Lg. X 7/16” dia.
Stm
Factory cut to size stems up to
144” lg. (Specify length with STM
option suffix. Longer stems are
available with coupling. Please
consult factory.) 36” lg. Standard
stems can be shortened on site.
QRS
Quartz restrike standby lamp kit.
Power failure: The quartz lamp is
energized.
Power is restored: Quartz lamp
will shut off as H.I.D. Light
resumes to full light emission.
Max. 100W DC Bayonet base.
(Lamp is not included.)
(Not applicable with CFL lamps.)
QS
DC bayonet socket
(Quartz lamp not included.)
120V Emergency input power.
Separate dedicated wiring for
external control. May be used for
H.I.D or CFL lamps. Max. 100W.
Em
1 lamp (26/32/42W) 90 mnts.
Integral emergency battery back-up
1X32W
575 Lumens
1X42W
750 Lumens
Em2
2 lamps (32W) 90 mnts.
2X32W
750 Lumens
120/277V only.
Standard connection:
Test switch and indicator light are
installed with luminaire.
Factory pre wired for unswitched
luminaire
57W and 70W available with
remote EM ballast on request
moUNTINg
AccessorIes
elecTrIcAl
elecTrIcAl
DmY
Other types of ballasts or
dimming ballasts such as 0-10V
Mark VII or Lutron or other
brands are available. Please
specify ballast type with DMY
option suffix. (Some restrictions
may apply)
DS2
4X32/42/57/70w Luminaire with
4 lamps. Each set of 2 lamps is
separately controlled externally.
D22
Clear prismatic bottom conical
lens with nickel plated clamp ring
L22t
Frosted acrylic flat bottom lens
with 3” dia. center opening.
LB22
Cross blade louver
(Same color as luminaire)
PR2402 Only
Rp8
Inner reflector specular aluminum
Exterior same color as luminaire
GL22
Zinc plated flat concentric
ring guard
Exterior
same color
as luminaire
+
+
-
Ballast
Switching
mode
Luminaire
DS4
8X32w Luminaire with 8 lamps.
Each set of 4 lamps is separately
controlled externally.
Switching
mode
B
A
+
+
-
Ballast
A
A
B
B
Luminaire
ta
3/4” NPT Suspension conduit
adaptor. (Conduit by others)
Supplied with 3X18 ga.X36” lg.
wiring. (Longer wires to be specified.)
TR2401
Only
BC22
Aluminum lower diffuser band
(Same color as luminaire)
SpG
4/18 X 36” lg. Silver braided
power cable C/W on site
adjustable suspension cables.
Longer suspension available
on request.


Similar Part No. - TR2401

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
TR2402 LUMINIS-TR2402 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
logo
MORNSUN Science& Techno...
TR240PW MORNSUN-TR240PW Datasheet
579Kb / 4P
   Programmable Thermal Resistance Isolators
More results

Similar Description - TR2401

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
TR2402 LUMINIS-TR2402 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
TR1702 LUMINIS-TR1702 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
PR1201 LUMINIS-PR1201_16 Datasheet
679Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
TR1701 LUMINIS-TR1701 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
W670 LUMINIS-W670 Datasheet
1Mb / 4P
   Cast aluminum top removable sealed cover.
SY300 LUMINIS-SY300 Datasheet
397Kb / 2P
   Cast aluminum top cover.
SY305 LUMINIS-SY305 Datasheet
371Kb / 2P
   Cast aluminum top cover.
SY800 LUMINIS-SY800 Datasheet
393Kb / 2P
   Cast aluminum ventilated top cover.
SQ600 LUMINIS-SQ600 Datasheet
165Kb / 2P
   Cast aluminum ventilated top cover
SY600 LUMINIS-SY600 Datasheet
405Kb / 2P
   Cast aluminum ventilated top cover.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com