Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N36610M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N36610M
Description  Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-SC), 10M (33-ft.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N36610M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N36610M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N36610M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Singlemode 8.3/125 Fiber Patch Cable
(LC/SC), 10M (33-ft.)
MODEL NUMBER: N366-10M
Description
Tripp Lite's 10-meter singlemode duplex fiber optic LC/SC patch cable is manufactured from 8.3/125 zipcord
fiber. The cable has SC connectors on one end, LC connectors on the other, a PVC jacket, and is FDDI and
OFNR rated. Duplex singlemode fiber is most commonly used in LAN applications.
Features
Manufactured from 8.3/125 duplex (zipcord) fiber
PVC jacket
Length: 10 meters. Connectors: 2 x SC; 2 x LC
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Fiber made from glass (not a polymer)
Fiber optic distributed data interface (FDDI) rated
OFNR (riser rated)
Specifications
OVERVIEW
Clad Diameter
125 micron
Core Diameter
8.3 micron
Number of Fibers
2
Fiber Type
8.3/125
Cable Type
Singlemode
Highlights
Premium PVC 8.3/125 micron
singlemode patch cables
Attenuation loss meets or
exceeds the latest industry
standards
Twice the bandwidth throughput
of multimode cable
Applications
Networking equipment that
requires singlemode fiber optic
patch cabling
System Requirements
Any fiber optic hardware or NIC
card requiring singlemode duplex
cable with LC/SC connectors
Package Includes
10-meter Duplex Singlemode
Fiber Patch Cable, LC/SC
1 / 2


Similar Part No. - N36610M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N36615M TRIPPLITE-N36615M Datasheet
494Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-SC), 15M (50-ft.)
More results

Similar Description - N36610M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N366-10M TRIPPLITE-N366-10M Datasheet
165Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/SC), 10M (33-ft.)
N356-10M TRIPPLITE-N356-10M Datasheet
163Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (SC/SC), 10M (33-ft.)
N35610M TRIPPLITE-N35610M Datasheet
475Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-SC), 10M (33-ft.)
N370-10M TRIPPLITE-N370-10M Datasheet
162Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 10M (33-ft.)
N37010M TRIPPLITE-N37010M Datasheet
475Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-LC), 10M (33-ft.)
N36810M TRIPPLITE-N36810M Datasheet
482Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-ST), 10M (33-ft.)
N368-10M TRIPPLITE-N368-10M Datasheet
165Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/ST), 10M (33-ft.)
N36615M TRIPPLITE-N36615M Datasheet
494Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-SC), 15M (50-ft.)
N516-10M TRIPPLITE-N516-10M Datasheet
157Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/SC), 10M (33-ft.)
N316-10M TRIPPLITE-N316-10M Datasheet
156Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 10M (33-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com