Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQM969001 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQM969001
Description  PCS Duplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM969001 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQM969001_15 Datasheet HTML 1Page - TriQuint Semiconductor TQM969001_15 Datasheet HTML 2Page - TriQuint Semiconductor TQM969001_15 Datasheet HTML 3Page - TriQuint Semiconductor TQM969001_15 Datasheet HTML 4Page - TriQuint Semiconductor TQM969001_15 Datasheet HTML 5Page - TriQuint Semiconductor TQM969001_15 Datasheet HTML 6Page - TriQuint Semiconductor TQM969001_15 Datasheet HTML 7Page - TriQuint Semiconductor TQM969001_15 Datasheet HTML 8Page - TriQuint Semiconductor TQM969001_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TQM969001
PCS Duplexer
Data Sheet: Rev G 09/30/12
- 2 of 10-
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Specifications
Electrical Specifications
Test conditions unless otherwise noted: +25ºC
Parameter
Conditions
Min
Typical
Max
Units
Antenna - Downlink
Frequency (fo)
1930.5
1989.5
MHz
Operating temperature
-40
+25
+85
C
Insertion loss
1930.5 – 1989.5 MHz
1.52
3.0
dB
Ripple (p-p)
0.84
1.25
dB
VSWR, 50 Ω
In/out
2.1:1
2.7:1
Absolute attenuation
824 – 849 MHz
35
37
dB
Absolute attenuation
1850 – 1910 MHz
50
53
dB
Absolute attenuation
2400 – 2484 MHz
42
45
dB
Absolute attenuation
3860 – 3980 MHz
50
53
dB
Antenna – Uplink
Frequency (fo)
1850.5
1909.5
MHz
Operating temperature
-40
+25
+85
C
Insertion loss
1850.5 – 1909.5 MHz
1.32
2.8
dB
Ripple (p-p)
0.65
1.45
dB
VSWR, 50 Ω
In/out
1.8:1
2.1:1
Absolute attnuation
869 – 894 MHz
38
41
dB
Absolute attenuation
1574.42 – 1576.42 MHz
40
43
dB
Absolute attenuation
1930 – 1990 MHz
44
50
dB
Absolute attenuation
3690 – 3830 MHz
27
30
dB
Absolute attenuation
5540 – 5740 MHz
15
17
dB
Absolute attenuation
7390 – 7650 MHz
12
24
dB
Uplink – Downlink
Uplink – Downlink isolation
1850 – 1910 MHz
52
55
dB
1930 – 1990 MHz
47
53
dB
1910 - 1930 MHz
15
19
dB
Average Power (1850 – 1910 MHz)
10,000,Hours @ 55 C
29
dBm
Average Power (1930 – 1990 MHz)
10,000,Hours @ 55 C
29
dBm
Peak Power (1850 – 1910 MHz)
200 msec @ 55 C
38
dBm
Peak Power (1930 – 1990 MHz)
200 msec @ 55 C
38
dBm
Notes:
1. N
etwork Analyzer is calibrated at -30 dBm power level for small signal measurements.
2. Triquint Test Board.


Similar Part No. - TQM969001_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM963001 TRIQUINT-TQM963001 Datasheet
524Kb / 9P
   BC14 / B25 BAW Duplexer
TQM963001-PCB TRIQUINT-TQM963001-PCB Datasheet
524Kb / 9P
   BC14 / B25 BAW Duplexer
TQM963001 TRIQUINT-TQM963001_15 Datasheet
524Kb / 9P
   BC14 / B25 BAW Duplexer
TQM963014 TRIQUINT-TQM963014 Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
TQM963014 TRIQUINT-TQM963014 Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
More results

Similar Description - TQM969001_15

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD112 APITECH-CMD112 Datasheet
117Kb / 1P
   PCS Duplexer
CMD230 APITECH-CMD230 Datasheet
131Kb / 2P
   PCS Duplexer
CMD161 APITECH-CMD161 Datasheet
108Kb / 1P
   PCS Fullband Duplexer
CMD243 APITECH-CMD243 Datasheet
144Kb / 2P
   PCS Fullband Duplexer
logo
Broadcom Corporation.
DEMO-ACMD-7402 BOARDCOM-DEMO-ACMD-7402 Datasheet
246Kb / 10P
   Miniature PCS Band Duplexer
logo
Agilent(Hewlett-Packard...
ACMD-7401 HP-ACMD-7401 Datasheet
357Kb / 11P
   Miniature PCS Band Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7409 AVAGO-ACMD-7409 Datasheet
1Mb / 10P
   Miniature PCS Band Duplexer
logo
API Technologies Corp
CMD102 APITECH-CMD102 Datasheet
115Kb / 1P
   PCS B-Band Duplexer
logo
Broadcom Corporation.
ACMD-7409 BOARDCOM-ACMD-7409 Datasheet
1Mb / 10P
   Miniature PCS Band Duplexer
logo
List of Unclassifed Man...
KFF6675A ETC1-KFF6675A Datasheet
162Kb / 2P
   1900 MHz PCS Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com