Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP3M9006 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQP3M9006
Description  High Linearity LNA Gain Block
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9006 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQP3M9006_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9006_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9006_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9006_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9006_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9006_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9006_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9006_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9006_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TQP3M9006
High Linearity LNA Gain Block
Application Circuit Configuration
Notes:
Bill of Material: TQP3M9006-PCB
Reference Desg.
Value
Description
Manufacturer
Part Number
U1
High Linearity LNA Gain Block
TriQuint
TQP3M9006
C2, C6
100 pF
Cap, Chip, 0603, 50V, NPO, 5%
various
C1
0.1 uF
Cap, Chip, 0603, 16V, X7R, 10%
various
L2
47 nH
Ind, Chip, 0603, 5%
various
C3
4.7 uF
Cap, Chip, 0603, 6.3V, X5R, 20% various
B1
0 Ω
Res, Chip, 0603, 1/16W, 5%
various
L1, D1, C4
Do Not Place
various
1. See PC Board Layout, under Applications Information section, for more information.
2. Components shown on the silkscreen but not on the schematic are not used.
3. B1 (0 Ω jumper) may be replaced with copper trace in the target application layout.
Data Sheet: Rev C 05/26/11
-
4 of 9 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®


Similar Part No. - TQP3M9006_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9006-PCB TRIQUINT-TQP3M9006-PCB Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
More results

Similar Description - TQP3M9006_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com