Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFL-008070-CL0AD0 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAFL-008070-CL0AD0
Description  CATV MoCA Low Pass Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFL-008070-CL0AD0 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAFL-008070-CL0AD0_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFL-008070-CL0AD0_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFL-008070-CL0AD0_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAFL-008070-CL0AD0_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
CATV MoCA Low Pass Filter
50 - 870/ 975 - 1525 MHz
M/A-COM Products
Released - Rev. V3
MAFL-008070-CL0AD0
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Outline Drawing:
Dimensions are millimeters ±0.1 unless otherwise specified.
Recommended PCB Configuration


Similar Part No. - MAFL-008070-CL0AD0_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-008070-CL0AD0_V3 MA-COM-MAFL-008070-CL0AD0_V3 Datasheet
98Kb / 4P
   CATV MoCA Low Pass Filter
More results

Similar Description - MAFL-008070-CL0AD0_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-008070-CL0AD0 MA-COM-MAFL-008070-CL0AD0 Datasheet
98Kb / 4P
   CATV MoCA Low Pass Filter
MAFL-008070-CL0AD0_V3 MA-COM-MAFL-008070-CL0AD0_V3 Datasheet
98Kb / 4P
   CATV MoCA Low Pass Filter
MAFL-009906-CL0AD0 MA-COM-MAFL-009906-CL0AD0_15 Datasheet
764Kb / 4P
   MoCA Low Pass Filter
MAFL-009906-CL0AD0-V3 MA-COM-MAFL-009906-CL0AD0-V3 Datasheet
764Kb / 4P
   MoCA Low Pass Filter
MAFL-009906-CL0AD0 MA-COM-MAFL-009906-CL0AD0 Datasheet
147Kb / 4P
   MoCA Low Pass Filter
MAFL-008070-CL0AD0 MA-COM-MAFL-008070-CL0AD0 Datasheet
65Kb / 3P
   CATV MoCA Low Pass Filter 50 - 870/ 975 - 1525 MHz
MAFL-010256-CB0AD0 MA-COM-MAFL-010256-CB0AD0_15 Datasheet
156Kb / 4P
   MoCA Band Pass Filter
MAFL-010101-CB0AD0 MA-COM-MAFL-010101-CB0AD0 Datasheet
199Kb / 4P
   MoCA Band Pass Filter
MAFL-010256-CB0AD0 MA-COM-MAFL-010256-CB0AD0 Datasheet
156Kb / 4P
   MoCA Band Pass Filter
MAFL-010101-CB0AD0 MA-COM-MAFL-010101-CB0AD0_15 Datasheet
199Kb / 4P
   MoCA Band Pass Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com