Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W730 Datasheet(PDF) 4 Page - Lumins Inc.

Part # W730
Description  Set of two cast aluminum supporting struts.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W730 Datasheet(HTML) 4 Page - Lumins Inc.

  W730 Datasheet HTML 1Page - Lumins Inc. W730 Datasheet HTML 2Page - Lumins Inc. W730 Datasheet HTML 3Page - Lumins Inc. W730 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
ACW
1” X 3” (25X76) extruded aluminum
extended arm wall mounting adaptor with
cast aluminum covers and galvanized steel
mounting plates. 1/2” dia. X 45º standard
natural stainless steel rod support.
SQ
36”X36” X 3/16” thick aluminum reflector
plate. Two faces painted white enamel.
Luminaire EPA: 0.75
EC3W
Set of (2) 1” X 3” (25X76) extruded aluminum
wall mount arms with cast aluminum wall plate.
Designed for luminaires with or less shades.
SQ15
36”X36” X 3/16” thick aluminum Square
reflector plate with 15º tilt.
Two faces painted white enamel.
Luminaire EPA: 2.17
4
20”
(508)
Power feed
28”
(711)
36”
(914)
W730
ECLIPSE - HID
Power feed
Mounting
Mounting
4.625”
(118)
3”
(76)
17.75”
(451)
Power feed
3”
(76)
4.625”
(118)
Power feed
6.125”
(156)
WALL MOUNT
ACCESSORIES
36”
(914)


Similar Part No. - W730

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W732 LUMINIS-W732 Datasheet
674Kb / 4P
   Set of two cast aluminum supporting struts.
logo
Bourns Electronic Solut...
W733R0J BOURNS-W733R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
W739R0J BOURNS-W739R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
More results

Similar Description - W730

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W732 LUMINIS-W732 Datasheet
674Kb / 4P
   Set of two cast aluminum supporting struts.
TR2450 LUMINIS-TR2450 Datasheet
472Kb / 3P
   Set of four cast aluminum perforated arms
EC842 LUMINIS-EC842 Datasheet
377Kb / 3P
   Set of three aluminum louvers
EC802 LUMINIS-EC802 Datasheet
434Kb / 5P
   Set of three aluminum louvers
EC642 LUMINIS-EC642 Datasheet
392Kb / 3P
   Set of three aluminum louvers
TR1301 LUMINIS-TR1301_16 Datasheet
639Kb / 3P
   Set of four aluminum perforated decorative arms
KR1503 LUMINIS-KR1503_16 Datasheet
625Kb / 3P
   Set of four aluminum curved arms lens holders
SR305 LUMINIS-SR305 Datasheet
956Kb / 4P
   Cast aluminum ballast housing.
SR360 LUMINIS-SR360 Datasheet
896Kb / 4P
   Cast aluminum ballast housing.
SR365 LUMINIS-SR365 Datasheet
905Kb / 4P
   Cast aluminum driver housing.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com