Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFL-009010-CT0B90 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAFL-009010-CT0B90
Description  MoCA Triplex Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFL-009010-CT0B90 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAFL-009010-CT0B90_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFL-009010-CT0B90_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFL-009010-CT0B90_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAFL-009010-CT0B90_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MoCA Triplex Filter
5 - 6000 MHz
M/A-COM Products
MAFL-009010-CT0B90
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount
• 75 Ohm
• RoHS Compliant
Description
M/A-COM’s MAFL-009010-CT0B90 is a surface
mount triplex filter un it designed for MoCA
applications. This Triplex filter requires some addi-
tional “off chip” components as shown below:
Pin Configuration
Functional Schematic
Ref
Description
Possible P/N
Possible Vendor
IND 1
Ind, SM-138 (426 nH)
MAPC-009061-CI08A0
M/A-COM
IND 2
Ind, SM-138 (175 nH)
MAPC-009062-CI08A0
M/A-COM
IND 3
Ind, SM-138 (120 nH)
MAPC-009063-CI08A0
M/A-COM
IND 4
Ind, SM-138 (217 nH)
MAPC-009064-CI08A0
M/A-COM
C1
Cap, 0402, 33pF, +/-2%, 50V COG
GRM1555C1H330GZ01D
Murata
C2
Cap, 0402, 150pF, +/-2%, 50V COG
GRM1555C1H151GA01D
Murata
C3
Cap, 0402, 30pF, +/-2%, 50V COG
GRM1555C1H300GZ01D
Murata
C4
Cap, 0402, 470pF, +/-2%, 50V COG
GRM1555C1H471GA01D
Murata
C5
Cap, 0402, 33pF, +/-2%, 50V COG
GRM1555C1H330GZ01D
Murata
C6
Cap, 0402, 68pF, +/-2%, 50V COG
GRM1555C1H680GZ01D
Murata
C7
Cap, 0402, 120pF, +/-2%, 50V COG
GRM1555C1H1211GA01D
Murata
Device
Description
MAFL-009010-CT0B90
300 per Tape
MAFL-009010-CT00TB
Test Board
Ordering Information
Off Filter Component Values
Function
Pin
RF IN (Common Port)
4
CATV Reverse Path ( 5 - 42 MHz)
17
CATV Forward Path ( 54 - 1002 MHz)
7
MoCA Forward Path (1125 - 1525 MHz)
15
Schematic including off Filter components


Similar Part No. - MAFL-009010-CT0B90_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-009010-CT0B90 MA-COM-MAFL-009010-CT0B90 Datasheet
196Kb / 4P
   MoCA Triplex Filter 5 - 6000 MHz
MAFL-009010-CT0B90 MA-COM-MAFL-009010-CT0B90 Datasheet
196Kb / 4P
   MoCA Triplex Filter
More results

Similar Description - MAFL-009010-CT0B90_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-011018 MA-COM-MAFL-011018_16 Datasheet
1Mb / 9P
   MoCA Triplex Filter
MAFL-011023 MA-COM-MAFL-011023 Datasheet
1Mb / 9P
   MoCA Triplex Filter
MAFL-011023-V1 MA-COM-MAFL-011023-V1 Datasheet
710Kb / 5P
   MoCA Triplex Filter
MAFL-011026 MA-COM-MAFL-011026_16 Datasheet
1Mb / 9P
   MoCA Triplex Filter
MAFL-010140-CT0C60 MA-COM-MAFL-010140-CT0C60 Datasheet
200Kb / 3P
   MoCA Triplex Filter
MAFL-011026 MA-COM-MAFL-011026_15 Datasheet
694Kb / 5P
   MoCA Triplex Filter
MAFL-011018 MA-COM-MAFL-011018_15 Datasheet
730Kb / 5P
   MoCA Triplex Filter
MAFL-011023 MA-COM-MAFL-011023_15 Datasheet
710Kb / 5P
   MoCA Triplex Filter
MAFL-010140-CT0C60 MA-COM-MAFL-010140-CT0C60 Datasheet
200Kb / 3P
   MoCA Triplex Filter
MAFL-011018-V4 MA-COM-MAFL-011018-V4 Datasheet
730Kb / 5P
   MoCA Triplex Filter
MAFL-010140-CT0C60 MA-COM-MAFL-010140-CT0C60_15 Datasheet
200Kb / 3P
   MoCA Triplex Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com