Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP3M9018 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQP3M9018
Description  High Linearity LNA Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9018 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TQP3M9018_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TQP3M9018
High Linearity LNA Gain Block
Datasheet: Rev. L 9/5/13
- 8 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Pin Configuration and Description
7
8
6
5
14
13
15
16
12
11
10
9
1
2
3
4
Backside Pad - RF/DC GND
Pin 1 Reference Mark
N/C
RF In
N/C
N/C
N/C
RF Out / VDD
N/C
N/C
Pin No.
Label
Description
2
RF In
RF input matched to 50 ohms. External DC Block is required.
11
RF Out / VDD
RF output matched to 50 ohms. Bias voltage and external DC Block required.
All other pins
N/C
No internal connection. Provide grounded PCB land pads for optimal isolation
and mounting integrity.
Backside Pad
RF/DC GND
RF/DC ground. Use recommended via pattern to minimize inductance and
thermal resistance. See PCB Mounting Pattern.
Evaluation Board PCB Information
TriQuint PCB 1076342 Material and Stack-up
1 oz. Cu bottom layer
Nelco N-4000-13
Nelco N-4000-13
εr=3.9 typ.
Nelco N-4000-13
1 oz. Cu top layer
1 oz. Cu inner layer
1 oz. Cu inner layer
0.014"
0.014"
0.062" ± 0.006"
Finished Board
Thickness
50 ohm line dimensions: width = 0.029”, spacing = 0.035”


Similar Part No. - TQP3M9018_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9018-PCB_IF TRIQUINT-TQP3M9018-PCB_IF Datasheet
533Kb / 10P
   High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9018-PCB_IF QORVO-TQP3M9018-PCB_IF Datasheet
729Kb / 12P
   High Linearity LNA Gain Block
logo
TriQuint Semiconductor
TQP3M9018-PCB_RF TRIQUINT-TQP3M9018-PCB_RF Datasheet
533Kb / 10P
   High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9018-PCB_RF QORVO-TQP3M9018-PCB_RF Datasheet
729Kb / 12P
   High Linearity LNA Gain Block
More results

Similar Description - TQP3M9018_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com