Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP3M9018 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQP3M9018
Description  High Linearity LNA Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9018 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQP3M9018_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9018_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TQP3M9018
High Linearity LNA Gain Block
Datasheet: Rev. L 9/5/13
- 2 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Recommended Operating Conditions
Parameter
Min Typ Max Units
Supply Voltage (VDD)
+3.0
+5.0
+5.25
V
TCASE
−40
+85
°C
Tj for >106 hours MTTF
+190
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to 150°C
RF Input Power, CW, 50Ω, T=25°C
+23 dBm
Supply Voltage (VDD)
+7 V
Reverse Supply Voltage
-0.3 V
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions unless otherwise noted:
VDD=+5V, Temp.=+25°C, 50 Ω system
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
20
4000
MHz
Test Frequency
1900
MHz
Gain
19
20.5
22
dB
Input Return Loss
16
dB
Output Return Loss
19
dB
Output P1dB
+21
dBm
Output IP3
Pout=+3 dBm/tone, ∆f = 1 MHz
+33
+37
dBm
Noise Figure
1.3
dB
Current, IDD
85
100
mA
Thermal Resistance, θjc
Module (junction to case)
38.7
°C/W


Similar Part No. - TQP3M9018_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9018-PCB_IF TRIQUINT-TQP3M9018-PCB_IF Datasheet
533Kb / 10P
   High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9018-PCB_IF QORVO-TQP3M9018-PCB_IF Datasheet
729Kb / 12P
   High Linearity LNA Gain Block
logo
TriQuint Semiconductor
TQP3M9018-PCB_RF TRIQUINT-TQP3M9018-PCB_RF Datasheet
533Kb / 10P
   High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9018-PCB_RF QORVO-TQP3M9018-PCB_RF Datasheet
729Kb / 12P
   High Linearity LNA Gain Block
More results

Similar Description - TQP3M9018_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com