Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP3M9009-PCB_IF Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQP3M9009-PCB_IF
Description  High Linearity LNA Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9009-PCB_IF Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TQP3M9009-PCB_IF Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 9Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TQP3M9009
High Linearity LNA Gain Block
Datasheet Rev. H 07-29-14
- 7 of 10 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Performance Plots − TQP3M9009-PCB_IF
Test conditions unless otherwise noted:
VDD=+5 V, IDD=125 mA, Temp=+25 °C, 50 Ω system.
22
24
26
28
30
0
100
200
300
400
500
Frequency (MHz)
Gain vs. Frequency
+85°C
+25°C
−20°C
−40°C
-20
-15
-10
-5
0
0
100
200
300
400
500
Frequency (MHz)
Input Return Loss vs. Frequency
+85°C
+25°C
−20°C
−40°C
-20
-15
-10
-5
0
0
100
200
300
400
500
Frequency (MHz)
Output Return Loss vs. Frequency
+85°C
+25°C
−20°C
−40°C
0.0
0.5
1.0
1.5
2.0
2.5
0
100
200
300
400
500
Frequency (MHz)
Noise Figure vs. Frequency
+85°C
+25°C
−40°C
30
35
40
45
50
0
100
200
300
400
500
Pout / Tone (dBm)
Output IP3 vs. Pout/Tone
Pout=3 dBm/Tone
1 MHz Tone Spacing,
+85°C
+25°C
−40°C
18
20
22
24
26
0
100
200
300
400
500
Frequency (MHz)
P1dB vs. Frequency
+85°C
+25°C
−40°C
Typical Performance − TQP3M9009-PCB_IF
Test conditions unless otherwise noted:
VDD=+5 V, IDD=125 mA, Temp=+25 °C, 50 Ω system.
Parameter
Typical Value
Units
Frequency
70
100
200
500
MHz
Gain
27
26.8
26.4
25.8
dB
Input Return Loss
12
13
13
13
dB
Output Return Loss
11
11
12
13
dB
Output P1dB
+21.6
+21.9
+21.9
+22.2
dBm
OIP3 (1)
+37.6
+38.8
+39
+41.4
dBm
Noise figure (2)
1.4
1.3
0.9
0.9
dB
Notes:
1. OIP3 measured with two tones at an output power of +3 dBm / tone separated by 1 MHz.
2. Noise figure values in the table above includes board losses. Approx. =0.1 dB at 2 GHz.


Similar Part No. - TQP3M9009-PCB_IF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9009-PCB_IF TRIQUINT-TQP3M9009-PCB_IF Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009-PCB_IF QORVO-TQP3M9009-PCB_IF Datasheet
779Kb / 12P
   High Linearity LNA Gain Block
TQP3M9009-PCB_IF QORVO-TQP3M9009-PCB_IF Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
More results

Similar Description - TQP3M9009-PCB_IF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com