Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP3M9036 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TQP3M9036
Description  High-Linearity LNA Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9036 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TQP3M9036_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9036_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9036_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9036_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9036_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9036_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9036_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9036_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP3M9036_15 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TQP3M9036
High-Linearity LNA Gain Block
Datasheet: Rev. F 11-14-14
-
6 of 12 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance − TQP3M9036-PCB VDD = 3.3 V
Parameter
Conditions
Typical Value
Units
Frequency
700
900
1500
2000
MHz
Gain
21
19.3
15.3
12.8
dB
Input Return Loss
10.6
12.2
14.3
13.8
dB
Output Return Loss
11.8
11.5
10
8.7
dB
Output P1dB
+17.7
+18.1
+20.5
+20.7
dBm
Output IP3
Pout= +5 dBm/tone, Δf=1 MHz
+31.1
+31.7
+32.9
+33.7
dBm
Noise figure (1)
0.38
0.4
0.44
0.52
dB
Notes:
1. Noise figure data shown in the table above is de-embedded from the eval board loss.
Performance Plots – TQP3M9036-PCB VDD = 3.3 V
Test conditions unless otherwise noted: VDD =+3.3 V, IDD = 45 mA, TCASE = +25
°C, 50 Ω system
11
13
15
17
19
21
23
25
27
400
600
800
1000 1200 1400 1600 1800 2000
Frequency (MHz)
Gain vs. Frequency
Temp.=+25°C
-25
-20
-15
-10
-5
0
400
600
800
1000 1200 1400 1600 1800 2000
Frequency (MHz)
Input Return Loss vs. Frequency
Temp.=+25°C
-25
-20
-15
-10
-5
0
400
600
800
1000 1200 1400 1600 1800 2000
Frequency (MHz)
Output Return Loss vs. Frequency
Temp.=+25°C
20
25
30
35
40
2
3456
78
Pout/Tone (dBm)
OIP3 vs. Pout/tone
Temp.=+25°C
900 MHz
0
0.2
0.4
0.6
0.8
1
400
600
800
1000
1200
1400
1600
1800
2000
Frequency (MHz)
Noise Figure vs. Frequency
Board losses de-embeded
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
20
Frequency (MHz)
K Factor vs. Frequency
Temp.=+25°C


Similar Part No. - TQP3M9036_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9036 QORVO-TQP3M9036 Datasheet
832Kb / 12P
   Ultra-Low Noise, High Linearity LNA
More results

Similar Description - TQP3M9036_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com