Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP3M9037-PCB Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TQP3M9037-PCB
Description  Ultra Low Noise, High Linearity LNA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9037-PCB Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TQP3M9037-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9037-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9037-PCB Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9037-PCB Datasheet HTML 9Page - TriQuint Semiconductor TQP3M9037-PCB Datasheet HTML 10Page - TriQuint Semiconductor TQP3M9037-PCB Datasheet HTML 11Page - TriQuint Semiconductor TQP3M9037-PCB Datasheet HTML 12Page - TriQuint Semiconductor TQP3M9037-PCB Datasheet HTML 13Page - TriQuint Semiconductor TQP3M9037-PCB Datasheet HTML 14Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TQP3M9037
Ultra Low Noise, High Linearity LNA
Evaluation Board: 3400 -3600 MHz Reference Design
Q1
J2
RF
Output
J4 GND
J3 V
DD
2
1,3,4,5,8
7
L1
5.6nH
C2
100 pF
C3
100 pF
C4
1 uF
R2
33k
R1
10k
J5 P
D
6
J1
RF
Input
C1
100 pF
Performance Plots: 3400 -3600 MHz Reference Design
13
14
15
16
17
18
3400
3450
3500
3550
3600
Frequency (MHz)
Gain vs. Frequency
-20
-15
-10
-5
0
3400
3450
3500
3550
3600
Frequency (MHz)
Return Loss vs. Frequency
Input Return Loss
Output Return Loss
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
3400
3450
3500
3550
3600
Frequency (MHz)
Noise Figure vs. Frequency
Bill of Material: 3400 -3600 MHz Reference Design
Reference Des.
Value
Description
Manuf.
Part Number
n/a
n/a
Printed Circuit Board
TriQuint
U1
n/a
Ultra Low Noise Amplifier
TriQuint
TQP3M9037
R1
10K Ω
Resistor, Chip, 0402, 5%, 1/16W
various
R2
33K Ω
Resistor, Chip, 0402, 5%, 1/16W
various
R3
0 Ω
Resistor, Chip, 0402, 5%, 1/16W
various
L1
5.6 nH
Inductor, 0603, 5%, Ceramic
Coilcraft
0603CS-5N6XJL
C4
1.0 uF
Cap, Chip, 0402, 10%, 10V, X5R
various
C1, C2, C3, C5, C6
100 pF
Cap, Chip, 0402, 5%, 50V, NPO/COG
various
Datasheet: Rev M 12-18-14
- 10 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP3M9037-PCB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9037-PCB QORVO-TQP3M9037-PCB Datasheet
854Kb / 16P
   Ultra Low-Noise, High Linearity LNA
More results

Similar Description - TQP3M9037-PCB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9036 QORVO-TQP3M9036 Datasheet
832Kb / 12P
   Ultra-Low Noise, High Linearity LNA
TQP3M9037 QORVO-TQP3M9037 Datasheet
854Kb / 16P
   Ultra Low-Noise, High Linearity LNA
logo
Broadcom Corporation.
MGA-635P8 BOARDCOM-MGA-635P8 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8_15 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
logo
Qorvo, Inc
QPL6202Q QORVO-QPL6202Q Datasheet
769Kb / 8P
   Ultra-Low Noise, High Gain LNA
logo
TriQuint Semiconductor
QPL6202 TRIQUINT-QPL6202 Datasheet
777Kb / 8P
   Ultra-Low Noise, High Gain LNA
logo
Broadcom Corporation.
MGA-634P8 BOARDCOM-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8 Datasheet
267Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8_15 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com