Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST180S20P2VL Datasheet(PDF) 8 Page - International Rectifier

Part # ST180S20P2VL
Description  PHASE CONTROL THYRISTORS Stud Version
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST180S20P2VL Datasheet(HTML) 8 Page - International Rectifier

Back Button ST180S20P2VL Datasheet HTML 2Page - International Rectifier ST180S20P2VL Datasheet HTML 3Page - International Rectifier ST180S20P2VL Datasheet HTML 4Page - International Rectifier ST180S20P2VL Datasheet HTML 5Page - International Rectifier ST180S20P2VL Datasheet HTML 6Page - International Rectifier ST180S20P2VL Datasheet HTML 7Page - International Rectifier ST180S20P2VL Datasheet HTML 8Page - International Rectifier ST180S20P2VL Datasheet HTML 9Page - International Rectifier ST180S20P2VL Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ST180S Series
2222222222222
12
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
180°
0.015
0.012
T
J
= T
J
max.
120°
0.019
0.020
90°
0.025
0.027
K/W
60°
0.036
0.037
30°
0.060
0.060
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
Ordering Information Table
5
1
2
3
4
ST
18
0
S
20
P
0
7
6
8
9
Device Code
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
S = Compression bonding Stud
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Rating Table)
6
-
P = Stud base 16UNF threads
M = Stud base metric threads (M16 x 1.5)
7
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Leads)
1 = Fast - on terminals (Gate and Auxiliary Cathode Leads)
2 = Flag terminals (For Cathode and Gate Terminals)
8
-
V = Glass-metal seal (only up to 1200V)
None = Ceramic housing (over 1200V)
9
-
Critical dv/dt: None = 500V/µsec (Standard value)
L
= 1000V/µsec (Special selection)
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - ST180S20P2VL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180S20P0 IRF-ST180S20P0 Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST180S20P0PBF VISHAY-ST180S20P0PBF Datasheet
143Kb / 7P
   Phase Control Thyristors (Stud Version), 200 A
Revision: 11-Aug-08
logo
International Rectifier
ST180S20P0V IRF-ST180S20P0V Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST180S20P0VPBF VISHAY-ST180S20P0VPBF Datasheet
143Kb / 7P
   Phase Control Thyristors (Stud Version), 200 A
Revision: 11-Aug-08
logo
International Rectifier
ST180S20P1 IRF-ST180S20P1 Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Similar Description - ST180S20P2VL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST110S IRF-ST110S Datasheet
232Kb / 9P
   PHASE CONTROL THYRISTORS Stud Version
111RKI IRF-111RKI Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
80RIA IRF-80RIA Datasheet
98Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
181RKI IRF-181RKI Datasheet
224Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST230S IRF-ST230S Datasheet
289Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com