Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP4M0008 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQP4M0008
Description  Low Loss Reflective SPDT Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP4M0008 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQP4M0008 Datasheet HTML 1Page - TriQuint Semiconductor TQP4M0008 Datasheet HTML 2Page - TriQuint Semiconductor TQP4M0008 Datasheet HTML 3Page - TriQuint Semiconductor TQP4M0008 Datasheet HTML 4Page - TriQuint Semiconductor TQP4M0008 Datasheet HTML 5Page - TriQuint Semiconductor TQP4M0008 Datasheet HTML 6Page - TriQuint Semiconductor TQP4M0008 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TQP4M0008
Low Loss Reflective SPDT Switch
Electrical Specifications
Test conditions unless otherwise noted: V1=+3 V, V2=0 V, Temp=25°C
, 50 Ω system
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
100
6000
MHz
Control Voltage (V1, V2)(1)
Low
0
0.45
V
High
+1.8
+3.3
+5
V
Insertion Loss
0.1 – 1.0 GHz
1.0 – 2.5 GHz
2.5 – 3.0 GHz
3.0 – 4.5 GHz
4.5 – 6.0 GHz
0.35
0.45
0.55
0.65
0.85
dB
Isolation
0.1 – 1.0 GHz
1.0 – 2.5 GHz
2.5 – 3.0 GHz
3.0 – 4.5 GHz
4.5 – 6.0 GHz
30
25
22
20
17
dB
RFC Return Loss
0.1 – 1.0 GHz
1.0 – 2.5 GHz
2.5 – 3.0 GHz
3.0 – 4.5 GHz
4.5 – 6.0 GHz
20
15
15
17
15
dB
Input P1dB(1)
f=1 GHz
+37
dBm
Input IP3(1)
f=1 GHz,
Δf=1 MHz
Pout=+15 dBm/tone
+56
dBm
Switching Speed
tOFF,tON (50% CTL to 10/90% RF)
110
ns
tOFF,tON (50% CTL to 2/98% RF)
180
ns
Control Voltage Bias Current
V1 or V2=5 V
15
uA
Notes:
1. Specified IP3 and P1dB are for V1 or V2
≥+3.3 V.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-65 to 150°C
RF Input Power
, CW, 50Ω, T = 25°C
+33 dBm
Max RF Input Power, (peak envelope)
+37 dBm
Control Voltage (V1, V2)
+6 V
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ Max Units
V1, V2 High State
+1.8
+3.3
+5.0
V
Operating Temp. Range
−40
+85
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Digital Control Voltages
State
Bias Condition
Low
≤ +0.45 V
High
≥ +1.8V
Switch Control Truth Table
Control Voltages
Signal Path State
V1
V2
RFC to RF1
RFC to RF2
Low
High
Off (isolation)
On (Insertion Loss)
High
Low
On (Insertion Loss)
Off (isolation)
Datasheet: Rev. D 10-22-14
- 2 of 7 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP4M0008

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP4M0009 TRIQUINT-TQP4M0009 Datasheet
609Kb / 8P
   High Isolation Reflective SPDT Switch
TQP4M0009-PCB TRIQUINT-TQP4M0009-PCB Datasheet
609Kb / 8P
   High Isolation Reflective SPDT Switch
TQP4M0009 TRIQUINT-TQP4M0009_15 Datasheet
609Kb / 8P
   High Isolation Reflective SPDT Switch
More results

Similar Description - TQP4M0008

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2001 FILTRONIC-FMS2001 Datasheet
395Kb / 3P
   Low Loss SPDT Reflective pHEMT MMIC Switch
logo
Skyworks Solutions Inc.
AS004L2-11 SKYWORKS-AS004L2-11 Datasheet
33Kb / 2P
   GaAs IC SPDT Low Loss Switch Reflective DC-4 GHz
AS002R2-12 SKYWORKS-AS002R2-12 Datasheet
425Kb / 2P
   GaAs IC SPDT Low Loss Switch Reflective DC-2.5 GHz
logo
TriQuint Semiconductor
TQP4M0011 TRIQUINT-TQP4M0011_15 Datasheet
486Kb / 6P
   Low Loss SP3T Reflective Switch
logo
Skyworks Solutions Inc.
AS002R2-12 SKYWORKS-AS002R2-12_06 Datasheet
150Kb / 4P
   GaAs IC SPDT Low-Loss Reflective Switch 300 kHz-2.5 GHz
logo
Microsemi Corporation
GG72030 MICROSEMI-GG72030 Datasheet
90Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES
logo
Peregrine Semiconductor
PE4250 PSEMI-PE4250_14 Datasheet
808Kb / 9P
   Reflective SPDT RF Switch
logo
United Monolithic Semic...
CHS2190A UMS-CHS2190A Datasheet
71Kb / 4P
   50-60GHz Reflective SPDT Switch
logo
Filtronic Compound Semi...
FMS2001QFN FILTRONIC-FMS2001QFN Datasheet
155Kb / 4P
   SPDT Reflective pHEMT MMIC Switch
logo
Agilent(Hewlett-Packard...
MGS-70008 HP-MGS-70008 Datasheet
53Kb / 5P
   Reflective SPDT GaAs MMIC Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com