Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP4M0009 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TQP4M0009
Description  High Isolation Reflective SPDT Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP4M0009 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TQP4M0009_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP4M0009_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP4M0009_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP4M0009_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP4M0009_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP4M0009_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP4M0009_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP4M0009_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TQP4M0009
High Isolation Reflective SPDT Switch
Preliminary Datasheet: Rev. B 09-26-13
-
6 of 8 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Pin No.
Symbol
Description
1
V2
Switch state control voltage
2
V1
Switch state control voltage
3
RFC
Antenna port
4
N/C
No electrical connection. Provide grounded land pads for PCB mounting integrity.
6, 7
GND
Ground
5
RF1
RF Input/Output port 1
8
RF2
RF Input/Output port 2
Backside
Paddle
RF/DC GND
RF/DC Ground. Use recommended via pattern and ensure good solder attach for
best thermal and electrical performance.
Evaluation Board PCB Specifications
PCB 1112323 Material and Stack-Up
50 ohm line dimensions: Width = .021”
Spacing = .006


Similar Part No. - TQP4M0009_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP4M0008 TRIQUINT-TQP4M0008 Datasheet
217Kb / 7P
   Low Loss Reflective SPDT Switch
TQP4M0008-PCB TRIQUINT-TQP4M0008-PCB Datasheet
217Kb / 7P
   Low Loss Reflective SPDT Switch
TQP4M0008 TRIQUINT-TQP4M0008_15 Datasheet
217Kb / 7P
   Low Loss Reflective SPDT Switch
More results

Similar Description - TQP4M0009_15

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BSW6421 BEREX-BSW6421 Datasheet
1Mb / 13P
   5MHz-6000MHz High Isolation Reflective SPDT RF switch
logo
Hittite Microwave Corpo...
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349LP4C HITTITE-HMC349LP4C_08 Datasheet
204Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_11 Datasheet
497Kb / 8P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_1 Datasheet
243Kb / 8P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC849LP4CE HITTITE-HMC849LP4CE Datasheet
204Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349MS8G HITTITE-HMC349MS8G_08 Datasheet
219Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC349LP4C HITTITE-HMC349LP4C Datasheet
213Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com