Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP4M0013 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQP4M0013
Description  High Isolation Absorptive SPST Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP4M0013 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQP4M0013 Datasheet HTML 1Page - TriQuint Semiconductor TQP4M0013 Datasheet HTML 2Page - TriQuint Semiconductor TQP4M0013 Datasheet HTML 3Page - TriQuint Semiconductor TQP4M0013 Datasheet HTML 4Page - TriQuint Semiconductor TQP4M0013 Datasheet HTML 5Page - TriQuint Semiconductor TQP4M0013 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TQP4M0013
High Isolation Absorptive SPST Switch
Datasheet: Rev C 09-06-13
- 5 of 6 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Mechanical Information
Package Marking and Dimensions
Marking: Product Code
– 013
Assembly code - XXX
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. Dimension and tolerance formats conform to ASME Y14.4M-1994.
3. The terminal #1 identifier and terminal numbering conform to JESD 95-1 SPP-012
PCB Mounting Pattern
3X
3
0.64
0.35
PACKAGE
OUTLINE
Ø.254 (.010) PLATED
THRU VIA HOLES
1.60
8X 0.67
0.50 PITCH, TYP
8X 0.30
2X 0.20
0.70
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. Use 1 oz. copper minimum for top and bottom layer metal.
3. We recommend a 0.35mm (#80/.0135") diameter bit for drilling via holes and
a final plated thru diameter of 0.25 mm (0.10”).
4. Ensure good package backside paddle solder attach for reliable operation and best electrical performance.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Terminal 1 Identifier
0.200x45°
2.00±0.05
2.00±0.05
0.80±0.05
Exp. DAP
0.30±0.050
1.60±0.05
Exp. DAP
0.50 BSC
0.25±0.05
0.203 Ref
0.00-0.05
Terminal 1 Identifier
0.85±0.05
013
XXX


Similar Part No. - TQP4M0013

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP4M0010 TRIQUINT-TQP4M0010 Datasheet
907Kb / 9P
   High Isolation Absorptive SPDT Switch
TQP4M0010-PCB TRIQUINT-TQP4M0010-PCB Datasheet
907Kb / 9P
   High Isolation Absorptive SPDT Switch
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
   High Isolation Absorptive SPDT Switch
TQP4M0011 TRIQUINT-TQP4M0011 Datasheet
486Kb / 6P
   Low Loss SP3T Reflective Switch
TQP4M0011-PCB TRIQUINT-TQP4M0011-PCB Datasheet
486Kb / 6P
   Low Loss SP3T Reflective Switch
More results

Similar Description - TQP4M0013

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
   Absorptive High Isolation SPDT Switch
logo
TriQuint Semiconductor
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
   High Isolation Absorptive SPDT Switch
TQC0015 TRIQUINT-TQC0015_15 Datasheet
1Mb / 7P
   High Isolation, Absorptive SPDT Switch
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS RF Switch
logo
M/A-COM Technology Solu...
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
   SPST High Isolation CATV Switch
MASW-008177 MA-COM-MASW-008177_15 Datasheet
560Kb / 5P
   SPST High Isolation CATV Switch
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451_14 Datasheet
403Kb / 11P
   SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch
logo
RF Micro Devices
RF3025 RFMD-RF3025 Datasheet
1,021Kb / 6P
   SPDT, HIGH ISOLATION, SINGLE CONTROL, ABSORPTIVE SWITCH
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS High-Isolation RF Switch
logo
Microsemi Corporation
GG71420 MICROSEMI-GG71420 Datasheet
85Kb / 2P
   ABSORPTIVE SPST SWITCH with TTL Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com