Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP4M9071-PCB_IF Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TQP4M9071-PCB_IF
Description  High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP4M9071-PCB_IF Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TQP4M9071-PCB_IF Datasheet HTML 3Page - TriQuint Semiconductor TQP4M9071-PCB_IF Datasheet HTML 4Page - TriQuint Semiconductor TQP4M9071-PCB_IF Datasheet HTML 5Page - TriQuint Semiconductor TQP4M9071-PCB_IF Datasheet HTML 6Page - TriQuint Semiconductor TQP4M9071-PCB_IF Datasheet HTML 7Page - TriQuint Semiconductor TQP4M9071-PCB_IF Datasheet HTML 8Page - TriQuint Semiconductor TQP4M9071-PCB_IF Datasheet HTML 9Page - TriQuint Semiconductor TQP4M9071-PCB_IF Datasheet HTML 10Page - TriQuint Semiconductor TQP4M9071-PCB_IF Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TQP4M9071
High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
Package Marking and Dimensions
GND/THERMAL PAD
.10 C
.08 C
SEATING PLANE
24X
4.000
4.000
2.70±0.05
Exp. DAP
24X 0.40±0.05
2.70±0.05
Exp. DAP
.850±0.050
C
24X 0.25±0.05
24X 0.50 Pitch
Pin #1 IDENTIFIER
CHAMFER 0.300 x 45°
TERMINAL #1
IDENTIFIER
5
6
6
4
5
R.075
2.50 Ref.
.203 Ref.
0.000
0.050
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. Except where noted, this part outline conforms to JEDEC standard MO-220, Issue E (Variation VGGC) for thermally enhanced
plastic very thin fine pitch quad flat no lead package (QFN).
3. Dimension and tolerance formats conform to ASME Y14.4M-1994.
4. The terminal #1 identifier and terminal numbering conform to JESD 95-1 SPP-012.
5. Co-planarity applies to the exposed ground/thermal pad as well as the contact pins.
6. Package body length/width does not include plastic flash protrusion across mold parting line.
PCB Mounting Pattern
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. Use 1 oz. copper minimum for top and bottom layer metal.
3. Vias are required under the backside paddle of this device for proper RF/DC grounding and thermal dissipation. We
recommend a 0.35mm (#80/.0135") diameter bit for drilling via holes and a final plated thru diameter of 0.25 mm (0.10”).
4. Ensure good package backside paddle solder attach for reliable operation and best electrical performance.
4M9071
YYWW
AaXXXX
Package Marking
Product Identifier: 4M9071
Date Code: YYWW
Assembly Code: AaXXXX
Datasheet: Rev M 08-15-14
- 10 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP4M9071-PCB_IF

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP4M9071-PCB_IF QORVO-TQP4M9071-PCB_IF Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
More results

Similar Description - TQP4M9071-PCB_IF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Peregrine Semiconductor
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
   UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
logo
Honeywell Solid State E...
HRF-AT4610 HONEYWELL-HRF-AT4610 Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4611 HONEYWELL-HRF-AT4611 Datasheet
120Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Serial Digital Attenuator
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAAD-008791-000100 MA-COM-MAAD-008791-000100 Datasheet
191Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com