Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP4M9072-PCB_RF Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQP4M9072-PCB_RF
Description  High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP4M9072-PCB_RF Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQP4M9072-PCB_RF Datasheet HTML 1Page - TriQuint Semiconductor TQP4M9072-PCB_RF Datasheet HTML 2Page - TriQuint Semiconductor TQP4M9072-PCB_RF Datasheet HTML 3Page - TriQuint Semiconductor TQP4M9072-PCB_RF Datasheet HTML 4Page - TriQuint Semiconductor TQP4M9072-PCB_RF Datasheet HTML 5Page - TriQuint Semiconductor TQP4M9072-PCB_RF Datasheet HTML 6Page - TriQuint Semiconductor TQP4M9072-PCB_RF Datasheet HTML 7Page - TriQuint Semiconductor TQP4M9072-PCB_RF Datasheet HTML 8Page - TriQuint Semiconductor TQP4M9072-PCB_RF Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TQP4M9072
High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
Datasheet: Rev O 11-20-14
- 3 of 12 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Serial Control Interface
The TQP4M9072 has a CMOS SPITM input compatible serial interface. This serial control interface converts the serial
data input stream to parallel output word. The input is 3-wire (CLK, LE and SID) SPITM input compatible. At power up,
the serial control interface resets the DSA to the minimum gain state. The 6-bit SID (Serial Input Data) word is loaded
into the register on rising edge of the CLK, MSB first. When LE is high, CLK is internally disabled.
Serial Control Timing Characteristics (Test conditions: V
dd = +5 V, Temp.=25°C)
Parameter
Condition
Min
Max
Units
Clock Frequency
50% Duty Cycle
10
MHz
LE Setup Time, tLESUP
after last CLK rising edge
10
ns
LE Pulse Width, tLEPW
30
ns
SERIN set-up time, tSDSUP
before CLK rising edge
10
ns
SERIN hold-time, tSDHLD
after CLK rising edge
10
ns
LE Pulse Spacing, tLE
LE to LE pulse spacing
630
ns
Serial Control DC Logic Characteristics (Test conditions: V
dd = +5 V, Temp.=25°C)
Parameter
Condition
Min
Max
Units
Input Low State Voltage, VIL
0
0.8
V
Input High State Voltage, VIH
2.4
Vdd
V
Output High State Voltage, VOH
On SOD pin
2.0
Vdd
V
Output Low State Voltage, VOL
On SOD pin
0
0.8
V
Input Current, IIH / IIL
On SID, LE and CLK pins
−10
+10
µA
Serial Control DC Logic Characteristics (Test conditions: V
dd = +3.3 V, Temp.=25°C)
Input Low State Voltage, VIL
0
0.8
V
Input High State Voltage, VIH
2.8
Vdd
V
Input Current, IIH / IIL
On SID, LE and CLK pins
−10
+10
µA
SERIN Control Logic Truth Table
Timing Diagram
6-Bit Control Word
Attenuation
State
CLK is internally disabled when LE is high
MSB
LSB
D5
D4
D3
D2
D1
D0
1
1
1
1
1
1
Reference : IL
1
1
1
1
1
0
0.5 dB
1
1
1
1
0
1
1 dB
1
1
1
0
1
1
2 dB
1
1
0
1
1
1
4 dB
1
0
1
1
1
1
8 dB
0
1
1
1
1
1
16 dB
0
0
0
0
0
0
31.5 dB
Any combination of the possible 64 states will provide an
attenuation of approximately the sum of bits selected


Similar Part No. - TQP4M9072-PCB_RF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP4M9071 TRIQUINT-TQP4M9071 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
TriQuint Semiconductor
TQP4M9071-PCB_IF TRIQUINT-TQP4M9071-PCB_IF Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Qorvo, Inc
TQP4M9071-PCB_IF QORVO-TQP4M9071-PCB_IF Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
TriQuint Semiconductor
TQP4M9071-PCB_RF TRIQUINT-TQP4M9071-PCB_RF Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
More results

Similar Description - TQP4M9072-PCB_RF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP4M9071 TRIQUINT-TQP4M9071_15 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Peregrine Semiconductor
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
   UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
logo
Honeywell Solid State E...
HRF-AT4610 HONEYWELL-HRF-AT4610 Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4611 HONEYWELL-HRF-AT4611 Datasheet
120Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Serial Digital Attenuator
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAAD-008791-000100 MA-COM-MAAD-008791-000100 Datasheet
191Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com