Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50-00169 Datasheet(PDF) 1 Page - Tensility International Corp.

Part # 50-00169
Description  Connector, 9P mini DIN female, molding style, brass, nickel plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

50-00169 Datasheet(HTML) 1 Page - Tensility International Corp.

  50-00169 Datasheet HTML 1Page - Tensility International Corp. 50-00169 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
rev:
page:
August 22, 2012
A
50-00169
Connector, 9P mini DIN female, molding
style, brass, nickel plating
Materials:
shell
brass, nickel-plated
insulator
PBT
pin
brass, gold-plated
rating
100 Vac, 1 A max., or 12 Vdc, 2 A max.
insulation resistance
50 mOhms min. @ 250 Vdc
dielectric strength
250 Vac/1 minute
operating temperature
-55°C to +85°C
Notes:
RoHS compliant
Mechanical drawing:
1 of 2
Initial
Date
tolerance X: ±0.5 mm
.X: ±0.3 mm
.XX: ±0.05 mm
applicable unless otherwise indicated in specification or on drawings
Units: mm


Similar Part No. - 50-00169

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00160 TENSILITY-50-00160 Datasheet
360Kb / 2P
   Connector, 7P mini DIN male, molding style, brass, nickel plating
50-00161 TENSILITY-50-00161 Datasheet
345Kb / 2P
   Connector, 8P mini DIN male, molding style, brass, nickel plating
50-00163 TENSILITY-50-00163 Datasheet
361Kb / 2P
   Connector, 3P mini DIN female, molding style, brass, nickel plating
50-00164 TENSILITY-50-00164 Datasheet
363Kb / 2P
   Connector, 4P mini DIN female, molding style, brass, nickel plating
50-00165 TENSILITY-50-00165 Datasheet
362Kb / 2P
   Connector, 5P mini DIN female, molding style, brass, nickel plating
More results

Similar Description - 50-00169

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00167 TENSILITY-50-00167 Datasheet
370Kb / 2P
   Connector, 7P mini DIN female, molding style, brass, nickel plating
50-00164 TENSILITY-50-00164 Datasheet
363Kb / 2P
   Connector, 4P mini DIN female, molding style, brass, nickel plating
50-00168 TENSILITY-50-00168 Datasheet
373Kb / 2P
   Connector, 8P mini DIN female, molding style, brass, nickel plating
50-00163 TENSILITY-50-00163 Datasheet
361Kb / 2P
   Connector, 3P mini DIN female, molding style, brass, nickel plating
50-00165 TENSILITY-50-00165 Datasheet
362Kb / 2P
   Connector, 5P mini DIN female, molding style, brass, nickel plating
50-00166 TENSILITY-50-00166 Datasheet
367Kb / 2P
   Connector, 6P mini DIN female, molding style, brass, nickel plating
50-00157 TENSILITY-50-00157 Datasheet
349Kb / 2P
   Connector, 4P mini DIN male, molding style, brass, nickel plating
50-00156 TENSILITY-50-00156 Datasheet
348Kb / 2P
   Connector, 3P mini DIN male, molding style, brass, nickel plating
50-00158 TENSILITY-50-00158 Datasheet
351Kb / 2P
   Connector, 5P mini DIN male, molding style, brass, nickel plating
50-00159 TENSILITY-50-00159 Datasheet
353Kb / 2P
   Connector, 6P mini DIN male, molding style, brass, nickel plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com