Electronic Components Datasheet Search |
|
N51605M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
N51605M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved |
1 / 2 page Duplex Multimode 50/125 Fiber Patch Cable (LC/SC), 5M (16-ft.) MODEL NUMBER: N516-05M Description Tripp Lite's 5-meter multimode duplex Fibre Channel SC/LC patch cable is manufactured from 50/125 zipcord fiber. The cable has SC connectors on one end, and LC at the other, a PVC jacket, and is FDDI and OFNR rated. 50/125 Duplex multimode fiber is most commonly used in Fibre Channel applications. It is backward compatible with 62.5 micron fiber and built-in headroom for future applications. The cable provides higher bandwidth optimized for Gigabit and 10Gbps networks as well. Also available in 1, 2, 3, 10, 15, 20, 30, and 50 meter lengths. Search "N516-" to bring up all lengths. Also search "N506-" for SC-SC cables, and "N520-" for LC-LC cables. Features Constructed with 50/125 micron cable Length - 5M Use on fiber and fibre channel installations SC male to LC male connectors Higher bandwidth optimized for gigabit and 10Gbps networks Backward compatible with 62.5 micron fiber Built-in headroom for future applications Number of fibers: 2 Fiber type: all glass graded index Core diameter: two 50+/-3 microns CLAD diameter: 125+/-2 microns Primary coating diameter: 245+/-15 microns Primary coating material: acrylate Secondary coating diameter: 900+/-50 microns Secondary coating material: PVC Attenuation @850NM: 3.5DB/KM maximum, @1300NM: 1.0DB/KM maximum Bandwidth @850NM: 220 MHz-KM minimum, @1300NM: 600 MHz-KM minimum Numeric aperture: .275 nominal Highlights Premium PVC 50/125 multimode patch cables Attenuation loss meets or exceeds the latest industry standards Higher bandwidth optimized for gigabit and 10Gbps networks Backward compatible with 62.5 micron fiber Built-in headroom for future applications System Requirements Any fiber optic hardware or NIC card requiring multimode duplex cable with LC/SC connectors Package Includes 5M duplex MMF cable LC/SC 50/125 fiber 1 / 2 |
Similar Part No. - N51605M |
|
Similar Description - N51605M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |