Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP7M9101 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQP7M9101
Description  W High Linearity Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9101 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TQP7M9101_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 10Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 11Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TQP7M9101
¼ W High Linearity Amplifier
Datasheet: Rev. J 12/11/2014
- 8 of 20 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
1460 – 1540 MHz Reference Design
J4
J3
U1
C2
C3
C4
C1
C6
U1
TQP7M9101
J4 GND
J3 Vcc
1
2,4
3
C5
3.9 pF
J1
RF
Input
J2
RF
Output
L1
10 nH
0805
C4
1.0 uF
C3
100 pF
C2
39 pF
C6
3.9 pF
C1
0
Notes:
1. See Evaluation Board PCB Information for material and stack up.
2. 0
Ω resistor (C1) may be replaced with copper trace in the target application layout.
3. All components are of 0603 size unless stated on the schematic.
4. Critical component placement locations:
Distance between U1 Pin 1 Pad (left edge) to C5 (right edge): 60 mils
Distance between U1 Pin 1 Pad (left edge) to C6 (right edge): 90 mils
Bill of Material
1460 – 1540 MHz Reference Design
Reference Des.
Value
Description
Manuf.
Part Number
n/a
n/a
Printed Circuit Board
TriQuint
1100415
U1
n/a
0.25 W High Linearity Amplifier
TriQuint
TQP7M9101
C5 , C6
3.9 pF
CAP, 0603, +/-0.1pF. 200V. NPO/COG
various
C1
0 Ω
RES, 0603, +/-5%, 1/16 W
various
C2
39 pF
CAP, 0603, +/-5%, 50V NPO/COG
various
C3
100 pF
Cap., Chip, 0603, +/-5%. 50V NPO/COG
various
C4
1.0 uF
CAP, 0603, 10%, X5R , 10V
various
L1
10 nH
Inductor, 0805, 5%, Coilcraft CS Series
Coilcraft
0805CS-100XJLB
J3, J4
n/a
Solder Turret
various
Typical Performance
1460 – 1540 MHz Reference Design
Test conditions unless otherwise noted: VCC
 = +5 V, ICQ = 87 mA (typ.), Temp. = +25 °C
Parameter
Conditions
Typical Value
Units
Frequency
1460
1500
1540
MHz
Gain
19.4
19.4
19.3
dB
Input Return Loss
14
19
20
dB
Output Return Loss
17
13
10
dB
Output P1dB
+24.4
+23.8
+23.7
dBm
OIP3
Pout= +8 dBm/tone, Δf=1 MHz
+44
+42.8
+42
dBm
Noise Figure
4.6
4.7
4.8
dBm


Similar Part No. - TQP7M9101_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9101-PCB2140 TRIQUINT-TQP7M9101-PCB2140 Datasheet
1Mb / 19P
   쩌W High Linearity Amplifier
TQP7M9101-PCB900 TRIQUINT-TQP7M9101-PCB900 Datasheet
1Mb / 19P
   쩌W High Linearity Amplifier
More results

Similar Description - TQP7M9101_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9102 TRIQUINT-TQP7M9102_15 Datasheet
906Kb / 20P
   W High Linearity Amplifier
QPA9119 TRIQUINT-QPA9119 Datasheet
939Kb / 12P
   쩍 W High Linearity Amplifier
logo
Qorvo, Inc
QPA9119 QORVO-QPA9119 Datasheet
999Kb / 14P
   쩍 W High Linearity Amplifier
April 26, 2021
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31716 AVAGO-MGA-31716_15 Datasheet
625Kb / 19P
   0.1 W High Linearity Driver Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074 Datasheet
940Kb / 9P
   W High Linearity Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31816 AVAGO-MGA-31816_16 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
MGA-31816 AVAGO-MGA-31816_15 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
logo
TriQuint Semiconductor
AH125-89G TRIQUINT-AH125-89G_15 Datasheet
1Mb / 14P
   W High Linearity InGaP HBT Amplifier
AH114 TRIQUINT-AH114 Datasheet
496Kb / 5P
   W High Linearity InGaP HBT Amplifier
logo
Broadcom Corporation.
MGA-31816 BOARDCOM-MGA-31816 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com