Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP7M9103-PCB900 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQP7M9103-PCB900
Description  1W High Linearity Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9103-PCB900 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQP7M9103-PCB900 Datasheet HTML 1Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 2Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 3Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 4Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 5Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TQP7M9103
1W High Linearity Amplifier
S-Parameters
Test Conditions: VCC=+5 V, ICQ=235 mA, T=+25
°C, unmatched 50 ohm system, calibrated to device leads
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-1.05
179.35
15.75
154.01
-35.54
-2.51
-2.94
-171.04
100
-1.15
176.19
13.33
155.93
-35.54
-9.63
-2.28
-176.20
200
-2.07
171.50
11.63
168.26
-37.45
-27.07
-2.00
176.45
400
-1.01
-176.54
15.01
153.46
-36.02
22.73
-3.38
172.64
600
-0.61
173.92
13.87
137.55
-35.08
6.61
-3.21
171.33
800
-0.59
169.36
13.05
125.26
-34.89
0.27
-3.18
168.76
1000
-0.62
164.62
12.35
114.05
-34.56
-4.24
-3.13
166.33
1200
-0.62
160.93
11.51
103.77
-34.60
-7.64
-3.21
164.22
1400
-0.67
156.67
10.73
94.67
-34.79
-12.27
-3.18
162.12
1600
-0.64
153.26
10.00
86.25
-34.75
-15.00
-3.21
159.50
1800
-0.75
149.43
9.12
78.19
-34.75
-17.78
-3.25
156.37
2000
-0.64
145.77
8.50
70.63
-34.81
-20.08
-3.09
154.32
2200
-0.62
142.62
7.90
63.72
-34.51
-23.77
-3.24
151.96
2400
-0.77
139.07
7.16
57.32
-34.72
-26.63
-3.10
148.69
2600
-0.66
135.41
6.58
51.13
-34.60
-29.04
-3.07
147.12
2800
-0.73
132.81
6.04
45.43
-34.65
-33.24
-3.16
144.43
3000
-0.69
128.99
5.51
39.41
-34.51
-33.49
-3.09
141.32
3200
-0.74
125.72
5.01
33.18
-34.65
-34.26
-3.12
138.96
3400
-0.74
122.13
4.52
27.44
-34.60
-37.56
-3.09
136.12
3600
-0.72
119.18
4.02
22.42
-34.56
-43.68
-3.13
133.54
3800
-0.77
116.00
3.52
16.74
-34.37
-44.96
-3.04
130.91
4000
-0.80
113.01
3.15
11.74
-34.33
-46.26
-2.96
128.69
Device Characterization Data
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
Gain and Maximum Stable Gain
Gain (Max)
Gain (S21)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-1 -0.75-0.5-0.25 0 0.25 0.5 0.75 1
Input Smith Chart
0.01 GHz
4 GHz
Output Smith Chart
0.01 GHz
4 GHz
Note: The gain for the unmatched device in 50 ohm system is shown as the trace in black color, [gain (S(21)]. For a tuned circuit for a particular
frequency, it is expected that actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown as the blue trace
[Gmax]. The impedance plots are shown from 0.01– 4 GHz.
Datasheet: Rev H 12-10-14
- 3 of 16 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP7M9103-PCB900

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9103-PCB900 TRIQUINT-TQP7M9103-PCB900 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9103-PCB900 QORVO-TQP7M9103-PCB900 Datasheet
648Kb / 24P
   1W High Linearity Amplifier
More results

Similar Description - TQP7M9103-PCB900

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9103 QORVO-TQP7M9103 Datasheet
648Kb / 24P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
   1W High Linearity Amplifier
TQP7M9105 TRIQUINT-TQP7M9105_15 Datasheet
569Kb / 9P
   1W High Linearity Amplifier
logo
WJ Communication. Inc.
AH202 WJCI-AH202_07 Datasheet
332Kb / 9P
   1W High Linearity Amplifier
AH202 WJCI-AH202 Datasheet
422Kb / 9P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9105 TRIQUINT-TQP7M9105 Datasheet
515Kb / 8P
   1W High Linearity Amplifier
logo
Mimix Broadband
XP1053-SD MIMIX-XP1053-SD Datasheet
277Kb / 8P
   1W, High Linearity InGaP HBT Amplifier
XP1066-SD MIMIX-XP1066-SD Datasheet
244Kb / 7P
   1W, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH225-S8G TRIQUINT-AH225-S8G_15 Datasheet
1Mb / 21P
   1W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com