Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP7M9104 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQP7M9104
Description  2W High Linearity Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9104 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQP7M9104 Datasheet HTML 1Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 2Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 3Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 4Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 5Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TQP7M9104
2W High Linearity Amplifier
Data Sheet: Rev H 09/24/12
- 2 of 13-
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-65 to +150°C
Device Voltage, Vcc
6.5 V
Maximum Input Power, CW
+30 dBm
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min Typ
Max
Units
Vcc
+5
+5.25
V
Tcase
-40
+85
°C
Tj (for>10
6 hours MTTF)
170
°C
Electrical specifications are measured at specified test
conditions.
Specifications are not guaranteed over all recommended
operating conditions.
Electrical Specifications
Test Conditions:VCC = +5V, ICQ = 435 mA, T = 25C using a TQP7M9104-PCB2140 application circuit.
Parameter
Conditions
Min
Typical
Max
Units
Operational Bandwidth
700
2700
MHz
Test Frequency
2140
MHz
Power Gain
14.3
15.8
17.3
dB
Input Return Loss
12
dB
Output Return Loss
9.5
dB
Output IP3
Pout=+17 dBm/tone,
∆f=1MHz
+45.5
+49.5
dBm
WCDMA Channel Power
(1)
at -50 dBc ACLR
+23.8
dBm
Output P1dB
+32
+32.8
dBm
Noise Figure
4.4
dB
Quiescent Collector Current, Icq
355
435
490
mA
Vcc
+5
V
Iref
19
mA
Ther
mal Resistance (jnc to case) θ
jc
15.7
°C/W
Notes:
1. ACLR Test set-up: 3GPP WCDMA, TM1+64 DPCH, +5 MHz offset, PAR = 9.7 dB at 0.01% Prob.


Similar Part No. - TQP7M9104

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9104 TRIQUINT-TQP7M9104 Datasheet
730Kb / 13P
   2W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9104 QORVO-TQP7M9104 Datasheet
808Kb / 17P
   2W High-Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9104-PCB2140 TRIQUINT-TQP7M9104-PCB2140 Datasheet
730Kb / 13P
   2W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9104-PCB2140 QORVO-TQP7M9104-PCB2140 Datasheet
808Kb / 17P
   2W High-Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9104-PCB900 TRIQUINT-TQP7M9104-PCB900 Datasheet
730Kb / 13P
   2W High Linearity Amplifier
More results

Similar Description - TQP7M9104

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP7M9104 QORVO-TQP7M9104 Datasheet
808Kb / 17P
   2W High-Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9104 TRIQUINT-TQP7M9104 Datasheet
730Kb / 13P
   2W High Linearity Amplifier
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
AH323-G TRIQUINT-AH323-G_15 Datasheet
1Mb / 17P
   2W High Linearity 5V 2-Stage Amplifier
logo
BeRex Corporation
BMT332 BEREX-BMT332_18 Datasheet
2Mb / 25P
   700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT332 BEREX-BMT332 Datasheet
2Mb / 25P
   700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
   High Linearity Amplifier
Rev. 1, 9/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com