Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP7M9103-PCB2140 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQP7M9103-PCB2140
Description  1W High Linearity Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9103-PCB2140 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQP7M9103-PCB2140 Datasheet HTML 1Page - TriQuint Semiconductor TQP7M9103-PCB2140 Datasheet HTML 2Page - TriQuint Semiconductor TQP7M9103-PCB2140 Datasheet HTML 3Page - TriQuint Semiconductor TQP7M9103-PCB2140 Datasheet HTML 4Page - TriQuint Semiconductor TQP7M9103-PCB2140 Datasheet HTML 5Page - TriQuint Semiconductor TQP7M9103-PCB2140 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9103-PCB2140 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9103-PCB2140 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9103-PCB2140 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TQP7M9103
1W High Linearity Amplifier
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Device Voltage (VCC)
+5.0
+5.25
V
TCASE
−40
+85
°C
Tj for >106 hours MTTF
+170
°C
Electrical performance is measured under conditions noted in
the electrical specifications table. Specifications are not
guaranteed over all recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to 150 °C
RF Input Power, CW, 50
 Ω, T=+25 °C
+30
 dBm
Device Voltage (VCC)
+8
 V
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions unless otherwise noted:
VCC =+5
 V, Temp.= +25 °C, tuned application circuit
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
400
4000
MHz
Test Frequency
2140
MHz
Gain
14.7
16.6
17.7
dB
Input Return Loss
12.0
dB
Output Return Loss
15.0
dB
Output P1dB
+28.5
+29.5
dBm
Output IP3
Pout = +15
dBm/tone, ∆f = 1 MHz
+42.5
+45
dBm
WCDMA Output Power
−50 dBc ACLR (1)
+20
dBm
Noise Figure
4.4
dB
Quiescent Current, ICQ
210
235
260
mA
Thermal Resistance, θjc
Module (junction to case)
35.6
°C/W
Notes:
1. ACLR Test set-up: 3GPP WCDMA, TM1+64 DPCH, +5 MHz offset, PAR = 10.2 dB at 0.01% Prob.
Datasheet: Rev H 12-10-14
- 2 of 16 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP7M9103-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9103-PCB2140 TRIQUINT-TQP7M9103-PCB2140 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9103-PCB2140 QORVO-TQP7M9103-PCB2140 Datasheet
648Kb / 24P
   1W High Linearity Amplifier
More results

Similar Description - TQP7M9103-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9103 QORVO-TQP7M9103 Datasheet
648Kb / 24P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
   1W High Linearity Amplifier
TQP7M9105 TRIQUINT-TQP7M9105_15 Datasheet
569Kb / 9P
   1W High Linearity Amplifier
logo
WJ Communication. Inc.
AH202 WJCI-AH202_07 Datasheet
332Kb / 9P
   1W High Linearity Amplifier
AH202 WJCI-AH202 Datasheet
422Kb / 9P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9105 TRIQUINT-TQP7M9105 Datasheet
515Kb / 8P
   1W High Linearity Amplifier
logo
Mimix Broadband
XP1053-SD MIMIX-XP1053-SD Datasheet
277Kb / 8P
   1W, High Linearity InGaP HBT Amplifier
XP1066-SD MIMIX-XP1066-SD Datasheet
244Kb / 7P
   1W, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH225-S8G TRIQUINT-AH225-S8G_15 Datasheet
1Mb / 21P
   1W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com