Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP5525-EVB Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQP5525-EVB
Description  High Power 5 GHz WLAN Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP5525-EVB Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQP5525-EVB Datasheet HTML 1Page - TriQuint Semiconductor TQP5525-EVB Datasheet HTML 2Page - TriQuint Semiconductor TQP5525-EVB Datasheet HTML 3Page - TriQuint Semiconductor TQP5525-EVB Datasheet HTML 4Page - TriQuint Semiconductor TQP5525-EVB Datasheet HTML 5Page - TriQuint Semiconductor TQP5525-EVB Datasheet HTML 6Page - TriQuint Semiconductor TQP5525-EVB Datasheet HTML 7Page - TriQuint Semiconductor TQP5525-EVB Datasheet HTML 8Page - TriQuint Semiconductor TQP5525-EVB Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TQP5525
High Power 5 GHz WLAN Power Amplifier
Performance Plots Vcc= +5
 V
-10
0
10
20
30
40
3.8
4.2
4.6
5
5.4
5.8
6.2
6.6
7
7.4
7.8
Frequency (GHz)
Wideband Gain vs. Frequency
+85°C
+25°C
−40°C
V
CC=+5 V
10
15
20
25
30
35
40
45
4.8
5
5.2
5.4
5.6
5.8
6
Frequency (GHz)
Gain vs. Frequency
+85°C
+25°C
−40°C
V
CC=+5 V
-20
-16
-12
-8
-4
0
4.8
5
5.2
5.4
5.6
5.8
6
Frequency (GHz)
Return Loss vs. Frequency
ORL
IRL
V
CC=+5 V
Temp.=+25°C
-47
-44
-41
-38
-35
-32
-29
-26
-23
8
10
12
14
16
18
20
22
24
26
28
Output Power (dBm)
EVM vs. Output Power
802.11.ac 80 MHz MCS9
Packet Length: 60 usec.
Vcc = +5 V
5855 MHz
5500 MHz
5210 MHz
Temp.=+25°C
-47
-44
-41
-38
-35
-32
-29
-26
-23
8
10
12
14
16
18
20
22
24
26
28
Output Power
EVM vs. Output Power
802.11.ac 80 MHz MCS9
Packet Length: 60 usec.
Frequency: 5500 MHz
Vcc=+5 V
+85°C
+25°C
−20°C
−40°C
-47
-44
-41
-38
-35
-32
-29
-26
-23
8
10
12
14
16
18
20
22
24
26
28
Output Power (dBm)
EVM vs. Output Power
802.11.ac 80 MHz MCS9
Packet Length: 4 msec.
Duty Cycle: 50%
Vcc=+5 V
Temp.=+25°C
5855 MHz
5500 MHz
5210 MHz
Datasheet: Rev. E 01-04-15
- 4 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP5525-EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
   Wi-Fi Power Amplifer
TQP5525PCK401 QORVO-TQP5525PCK401 Datasheet
606Kb / 11P
   Wi-Fi Power Amplifer
More results

Similar Description - TQP5525-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
   High Power 5 GHz WLAN Power Amplifier
logo
ANADIGICS, Inc
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
   5 GHz 802.11a WLAN Power Amplifier
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
SKY85743-21 SKYWORKS-SKY85743-21 Datasheet
173Kb / 2P
   5 GHz High-Power WLAN Front-End Module
SKY85747-11 SKYWORKS-SKY85747-11 Datasheet
1Mb / 13P
   5 GHz High-Power WLAN Front-End Module
December 19, 2019
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com