Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3010 Datasheet(PDF) 4 Page - Unitpower Technology Limited

Part # UM3010
Description  N-Ch 30V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UM3010 Datasheet(HTML) 4 Page - Unitpower Technology Limited

  UM3010 Datasheet HTML 1Page - Unitpower Technology Limited UM3010 Datasheet HTML 2Page - Unitpower Technology Limited UM3010 Datasheet HTML 3Page - Unitpower Technology Limited UM3010 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
N-Ch 30V Fast Switching MOSFETs
10
100
1000
1
5
9
1317
2125
VDS Drain to Source Voltage(V)
F=1.0MHz
Ciss
Coss
Crss
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
DUTY=0.5
SINGLE
P
DM
D = T
ON/T
T
Jpeak = TC+PDMXRθJA
T
ON
T
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Gate Charge Waveform
UM3010


Similar Part No. - UM3010

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UM3014 DOINGTER-UM3014 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
ShenZhen XinDeYi Electr...
UM3015 XINDEYI-UM3015 Datasheet
484Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM3015 UNITPOWER-UM3015 Datasheet
802Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
logo
SHENZHEN DOINGTER SEMIC...
UM3015 DOINGTER-UM3015 Datasheet
2Mb / 7P
   P-Channel MOSFET uses advanced trench technology
logo
ShenZhen XinDeYi Electr...
UM3016 XINDEYI-UM3016 Datasheet
1,015Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
More results

Similar Description - UM3010

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD3004 UNITPOWER-UD3004 Datasheet
709Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
UD3008 UNITPOWER-UD3008 Datasheet
727Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3016M6 UPI-QM3016M6 Datasheet
184Kb / 4P
   N-ch 30V Fast Switching MOSFETs
QM3024M3 UPI-QM3024M3 Datasheet
210Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
QM3052M6 UPI-QM3052M6 Datasheet
228Kb / 5P
   N-Ch 30V Fast Switching MOSFETs
QM3010D UPI-QM3010D Datasheet
236Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN3502 PACELEADER-PKN3502 Datasheet
1Mb / 5P
   N-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3014M3 UPI-QM3014M3 Datasheet
222Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
KODENSHI_AUK CORP.
SNN3530NL KODENSHI-SNN3530NL Datasheet
511Kb / 8P
   N-ch 30V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com