Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2559 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2559
Description  System power supply board for digital solutions
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2559 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2559 Datasheet HTML 6Page - STMicroelectronics AN2559 Datasheet HTML 7Page - STMicroelectronics AN2559 Datasheet HTML 8Page - STMicroelectronics AN2559 Datasheet HTML 9Page - STMicroelectronics AN2559 Datasheet HTML 10Page - STMicroelectronics AN2559 Datasheet HTML 11Page - STMicroelectronics AN2559 Datasheet HTML 12Page - STMicroelectronics AN2559 Datasheet HTML 13Page - STMicroelectronics AN2559 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
PM6680A block
AN2559
10/35
construction of passive components (inductors or ceramic capacitors). In PWM mode the
converter maintains a constant switching frequency independently on the load.
The FSEL pin the PM6680A dedicated for operating frequency setting is connected to GND.
This means that the switching frequency of the VCORE branch is 200 kHz and switching
frequency of VI/O is 300 kHz.
Figure 7.
Skip mode connector
3.0.3
Step-down parts
The PM6680A is a dual step-down controller and drives two step-down converters. The
schematic of both channels are almost identical, with only a few small differences. Since
each channel is for a different output power, the main difference is in the components’
values. Figure 8 displays the output connector polarities of the PM6680A section.
Table 3.
Skip mode connector jumper settings
Jumper settings
Function
Skip mode at light load.
No Audible Skip mode at light load (frequency never drops below 30 kHz).
PWM mode. Constant frequency even at light or zero load.
Sk ip
PW M
Au d io
Sk ip
PW M
Au d io
Sk ip
PW M
Au d io
Sk ip
P W M
Au d io
Sk ip
P W M
Au d io
Sk ip
P W M
Au d io
Sk ip
PW M
Au d io
Sk ip
PW M
Au d io
Sk ip
PW M
Au d io


Similar Part No. - AN2559

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2551 STMICROELECTRONICS-AN2551 Datasheet
77Kb / 8P
   Configuring the STR91xFA MCU for optimum CPU performance
AN2555 STMICROELECTRONICS-AN2555 Datasheet
475Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F276Z5
AN2556 STMICROELECTRONICS-AN2556 Datasheet
455Kb / 35P
   Porting an application from the ST10F269Zx to the ST10F273Z4
More results

Similar Description - AN2559

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACU7503 ETC2-ACU7503 Datasheet
448Kb / 28P
   second generation highly-integrated digital music system solutions
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
logo
Sanyo Semicon Device
LV5105FN SANYO-LV5105FN Datasheet
161Kb / 9P
   For cell phone system Power supply
logo
Rohm
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
BA4900 ROHM-BA4900 Datasheet
169Kb / 10P
   System power supply for car stereos
logo
List of Unclassifed Man...
R213238007W ETC2-R213238007W Datasheet
7Mb / 23P
   BOARD TO BOARD SOLUTIONS
logo
Fujitsu Component Limit...
MB3829 FUJITSU-MB3829 Datasheet
442Kb / 24P
   System Power Supply IC for Mobile Telephone
logo
Sanyo Semicon Device
LA5617 SANYO-LA5617 Datasheet
43Kb / 4P
   Multi-System Power Supply for Audio Equipment
logo
Honeywell Solid State E...
HMR3300 HONEYWELL-HMR3300 Datasheet
196Kb / 11P
   Digital Compass Solutions
logo
Sanyo Semicon Device
LA5618 SANYO-LA5618 Datasheet
44Kb / 4P
   Multi-System Power Supply for Audio Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com