Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2839 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2839
Description  L6228 fully-integrated two-phase stepper motor driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2839 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2839 Datasheet HTML 7Page - STMicroelectronics AN2839 Datasheet HTML 8Page - STMicroelectronics AN2839 Datasheet HTML 9Page - STMicroelectronics AN2839 Datasheet HTML 10Page - STMicroelectronics AN2839 Datasheet HTML 11Page - STMicroelectronics AN2839 Datasheet HTML 12Page - STMicroelectronics AN2839 Datasheet HTML 13Page - STMicroelectronics AN2839 Datasheet HTML 14Page - STMicroelectronics AN2839 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AN2839
Designing an application with L6228
Doc ID 15104 Rev 1
11/40
To minimize interferences with the rest of the circuit, care must be taken in realizing the PCB
layout of the C5, D1 and D2 connections (also see Section 1.4). The recommended values
for the charge pump circuitry are:
D1, D2: 1N4148
C5: 10 nF, 100 V ceramic
C8: 20 nF, 25 V ceramic
Due to the high charge-pump frequency, fast diodes are required. When connecting the cold
side of the bulk capacitor (C8) to VS instead of GND, the average current in the external
diodes during operation is less than 10 mA; at startup (when VS is provided to the IC) it is
less than 200 mA while the reverse voltage is about 10 V in all conditions. IN4148 diodes
withstand about 200 mA of DC current (1 A peak), and the maximum reverse voltage is 75 V,
so they should fit for the majority of applications.
1.7
Sharing the charge pump circuitry
If more than one device is used in the application, the charge pump from one L6228 can be
used to supply the VBOOT pins of several ICs. The unused CP pins on the slaved devices are
left unconnected, as shown in Figure 8. A 100 nF capacitor (C8) should be connected to the
VBOOT pin of each device.
The supply voltage pins VS of the devices sharing the charge pump must be connected
together.
The higher the number of devices sharing the same charge pump, the lower the differential
voltage available for the gate drive (VBOOT - VS), causing a higher RDS(on) for the high-side
DMOS, and as such a higher dissipating power.
Better performance can also be obtained using a 33 nF capacitor for C5 and Schottky
diodes (BAT47 are recommended).
Having more than three or four devices sharing the same charge-pump circuitry is not
recommended since this will reduce the VBOOT voltage and increase the high-side
MOSFET’s on-resistance, and therefore the power dissipation.
Figure 8.
Sharing the charge-pump circuitry


Similar Part No. - AN2839

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
   Dual step-down controller with auxiliary voltages for industrial system power
AN2834 STMICROELECTRONICS-AN2834 Datasheet
851Kb / 45P
   How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
AN2835 STMICROELECTRONICS-AN2835 Datasheet
796Kb / 21P
   This application note describes the electronic lamp ballast for 70 W high intensity discharge
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
   Modern motion control applications need more flexibility that can be addressed
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
   Positive to negative buck-boost converter
More results

Similar Description - AN2839

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
   FULLY INTEGRATED STEPPER MOTOR DRIVER
L9935 STMICROELECTRONICS-L9935 Datasheet
159Kb / 19P
   TWO-PHASE STEPPER MOTOR DRIVER
logo
MotionKing Motor Indust...
2L542 MOTIONKING-2L542 Datasheet
229Kb / 5P
   TWO-PHASE HYBRID STEPPER MOTOR DRIVER
2LA860 MOTIONKING-2LA860 Datasheet
574Kb / 9P
   TWO-PHASE HYBRID STEPPER MOTOR DRIVER
2L110M MOTIONKING-2L110M Datasheet
272Kb / 5P
   TWO-PHASE HYBRID STEPPER MOTOR DRIVER
logo
STMicroelectronics
AN1451 STMICROELECTRONICS-AN1451 Datasheet
1Mb / 43P
   L6208 FULLY INTEGRATED TWO PHASE
logo
NTE Electronics
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
   Integrated Circuit Stepper Motor Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com